Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 369 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 369 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 365Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 366Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 367Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 368Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 369Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 370Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 372Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 373Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 552 page
background image
Chapter 11 Serial I/O Port
11-9
The Reception Error Interrupt bit (SIDISR.ERI) of the DMA/Interrupt Status Register (SIDISRn) is
set when one of the following errors is detected: an overrun error, a parity error, or a framing error. An
interrupt is signaled if the Reception Error Interrupt Enable bit of the DMA/Interrupt Control Register
(SIDICRn) is set.
The Break Detected bit (UBRKD) and the Receiving Break bit (RBRKD) of the Status Change
Interrupt Status Register (SISCISR) is set when a break is detected. The Break Detected bit (UBRKD)
remains set until it is cleared by the software. The Receiving Break bit (RBRKD) is automatically
cleared when a frame is received that is not a break.
The status of the next reception data to be read is set to the Overrun Error bit (UOER), Parity Error
bit (UPER), Framing Error bit (UFER), and the Receive Break bit (RBRKD). Each of these statuses is
updated when reception data is read from the Receive FIFO Register (SIRFIFOn).
During DMA transfer, an error is signaled and DMA transfer stops with error data remaining in the
Receive FIFO if either an error (Framing Error, Parity Error, or Overrun Error) or a Reception time out
(TOUT) is detected. If a Reception Error occurs during DMA transfer, use the Receive FIFO Reset bit
(RFRST) of the FIFO Control Register (SIFCRn) to clear the Receive FIFO. However, a software reset
will be required if a reception overrun error has occurred. Refer to “11.3.10 Software Reset” for more
information.
11.3.9 Reception Time Out
A Reception time out is detected and the Reception Time Out bit (TOUT) of the DMA/Interrupt
Status Register (SIDISR) is set under the following conditions.
•
Non-DMA transfer mode (SIDICRn.RDE = 0):
When at least 1 Byte of reception data exists in the Receive FIFO and the data reception time for
the 2 frames (2 Bytes) after the last reception has elapsed
•
DMA transfer mode (SIDICRn.RDE = 1):
When the data reception time for the 2 frames (2 Bytes) after the last reception has elapsed
regardless of whether reception data exists in the Receive FIFO
11.3.10 Software Reset
It is necessary to reset the FIFO and perform a software reset in the following situations.
1.
After transmission data is set in FIFO, etc., transmission started but stopped before its completion
2.
An overrun occurred during data reception
Software reset is performed by setting the Software Reset bit (SWRST) of the FIFO Control Register
(SIFCR). This bit automatically returns to “0” after initialization is complete. This bit must be set again
since all SIO registers are initialized by software resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com