Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 368 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 368 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 364Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 365Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 366Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 367Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 368Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 369Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 370Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 372Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 552 page
background image
Chapter 11 Serial I/O Port
11-8
Transfer Size
1 Byte
DMCCRn.XFSZ = 000b
Transfer Address Mode
Dual
DMCCRn.SNGAD = 0
In the case of transmission channels, the address of the Transmit FIFO Register (SITFIFOn) is set in
the DMAC Destination Address Register (DMDARn). In the case of reception channels, the address of
the Receive FIFO Register (SIRFIFOn) is set in the DMAC Source Address Register (DMSARn).
Please set the addresses specified in “11.4.8 Transmit FIFO Register” and “11.4.9 Receive FIFO
Register” since the set address differs depending on the Endian mode.
11.3.7 Flow Control
SIO supports hardware flow control that uses the RTS*/CTS* signal.
The CTS* (Clear to Send) input signal indicates that data can be received from the reception side
when it is Low. Setting the Transmission Enable Select bit (TES) of the Flow Control Register
(SIFLCRn) makes transmission flow control that uses the CTS* signal more effective.
It is also possible to generate status change interrupts by changing the state of the CTS* signal. The
conditions in which interrupts are generated can be selected by the CTSS Active Condition field of the
DMA/Interrupt Control Register (SIDICRn).
Setting the RTS* (Request to Send) output signal to High requests the transmission side to pause
transmission. Transmission resumes when the reception side becomes ready and the RTS* signal is set
to Low.
Setting the Reception Enable Select bit (RCS) of the flow Control Register (SIFLCRn) makes
reception flow control that uses the RTS* signal more effective. The RTS* signal pin status becomes
High when data of the byte count set by the RTS Active Trigger Level field (RTSTL) of the Flow
Control Register (SIFLCRn) accumulates in the Receive FIFO. The RTS* signal can also be made High
by setting the RTS Software Control bit (RTSSC) of the Flow Control Register (SIFLCRn). Setting this
bit requests the transmission side to pause transmission.
11.3.8 Reception Data Status
Status data such as the following is also stored in the Receive FIFO.
•
Overrun error
An overrun error is generated if all 16-stage Receive FIFO buffers become full and more data is
transferred to the Reception Read buffer. When this occurs, the Overrun Status bit is set by the last
stage of the Receive FIFO.
•
Parity error
A parity error is generated when a parity error is detected in the reception data.
•
Framing error
A framing error is generated when “0” is detected at the first stop bit of the reception data.
•
Break reception
A break is detected when a framing error occurs in the reception data and all data in a single
frame are “0”. When this occurs, 2 frames (2 Bytes) of 0x00 data are stored in the Receive FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com