| Electronic Components Datasheet Search |
|
TMPR4937 Datasheet(PDF) 413 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 Datasheet(HTML) 413 Page - Toshiba Semiconductor |
|
413 / 552 page ![]() Chapter 14 AC-link Controller 14-7 14.3.4 AC-link Start Up Figure 14.3.5 shows the conceptual sequence of AC-link start-up. The ACLC Control Enable Register’s Enable AC-link bit is used to deassert/assert the ACRESET* signal to the link side (including AC-link). This bit defaults to ‘0’, so the CPU asserts the ACRESET* signal when it boots up. The AC’97 specification requires that the reset assertion period is 1 µs or longer. The software is responsible for controlling the length of this period. The AC’97 specification also requires that the primary CODEC stops the AC-link clock (BITCLK) signal during the period from ACRESET* signal assertion to 162.8ns after ACRESET* signal deassertion. ACLC assumes the primary CODEC meet this requirement. Deasserting the link-side reset makes the primary CODEC start driving the BITCLK signal. When the BITCLK signal is provided, ACLC starts the SYNC signal output, which indicates the start of the AC-link frame, and starts the frame-length counting. When a CODEC becomes ready to receive access to its own register, the CODEC sets the “CODEC Ready” bit of the Tag slot. When ACLC detects that this bit has been set, the ACLC Interrupt Status Register (ACINTSTS)’s CODEC[1:0] Ready (CODEC[1:0]RDY) bit is set. The system software is able to recognize the readiness of the CODEC(s) by detecting this event by way of either polling or interrupt. In case of 5.1 channel audio connection example (Figure 14.3.2), because the secondary CODEC is connected to the SDIN1 signal of ACLC, the software must watch ACINTSTS.CODEC1RDY bit to determine the CODEC’s readiness for the register access. Figure 14.3.5 Cold Reset and CODEC Ready Recognition SDIN ACRESET* BITCLK SYNC ENLINK CODECRDY ACLC internal clock becomes active Software sets ENLINK bit CODEC becomes ready to accept register access Boot up Note: The number of BITCLK cycles relative to other signals is not to scale. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |