| Electronic Components Datasheet Search |
|
TMPR4937 Datasheet(PDF) 415 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 Datasheet(HTML) 415 Page - Toshiba Semiconductor |
|
415 / 552 page ![]() Chapter 14 AC-link Controller 14-9 14.3.6 Sample-data Transmission and Reception This section describes the mechanism for transmission and reception of PCM audio and modem wave-data. An overview is described first. The DMA (Direct Memory Access) operation, error detection and recovery procedure follow. A special case using slot activation control is described last. 14.3.6.1 Overview Figure 14.3.6 and Figure 14.3.7 show conceptual views of the sample-data transmission and reception mechanisms. Figure 14.3.6 Sample-data Transmission Mechanism Figure 14.3.7 Sample-data Reception Mechanism The CODEC requests ACLC to transmit and receive sample-data via ‘slot-request’ and ‘slot- valid’ bit-fields on the SDIN signal of AC-link. For transmission, ACLC transmits the data with ‘slot-valid’ tag set. For reception, ACLC captures the slot-data. Transmission or reception through each stream can be independently activated or deactivated under control of ACLC Slot Enable Register (ACSLTEN). ACLC is equipped with a separate FIFO for each data-stream. The data to transmit is prefetched from memory to FIFO through DMA. The received data is buffered on FIFO and then stored to memory through DMA. In this stage, each DMA is independently activated or deactivated under control of ACLC Control Enable Register (ACCTLEN). DMAC FIFO DMA Buffer Memory Read Data DMAREQ Write Data ACCTLEN REQ Latch Strobe ACSLTEN Valid Flag Data Link- side Slot Req Slot Valid, Slot Data AC-link Underrun Error ACLC DMAC FIFO DMA Buffer Memory Write Data DMAREQ Read Data ACCTLEN REQ Latch Strobe ACSLTEN Data Link- side Slot Valid, Slot Data AC-link Overrun Error ACLC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |