Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 419 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 419 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 415Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 416Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 417Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 418Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 419Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 420Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 421Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 422Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 423Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 552 page
background image
Chapter 14 AC-link Controller
14-13
14.3.6.5 Sample-data FIFO
For a transmission stream, as long as ACLC Control Enable Register (ACCTLEN) allows that
transmission and the FIFO has any room to fill data in, the FIFO issues a request via the REQ
latch. On the other side, when a transmission FIFO receives a data-request from the link-side, it
provides data with valid-flag set if it has any valid data. If it has no valid data, it responds with
valid-flag unset and an underrun error bit is set.
At the transmit-data DMA start-up, until the FIFO becomes full, it responds to the link-side
with valid-flag unset, in order to maximize the buffering effect. Therefore, the DMA size must be
the FIFO depth or more.
Table 14.3.8 Transmission FIFO Depth
Data-stream
FIFO Depth (Word)
PCM L&R out
3
Surround L&R out
3
Center out
2
LFE out
2
Modem Line 1 out
1
The link-side drives the slot-valid bit and slot-data on AC-link. When underrun occurs, these
bits are driven to all ‘0’.
For a reception stream, as long as the FIFO has any valid data, the FIFO issues a request via the
REQ latch. On the other side, when ACCTLEN allows that reception and the link-side issues a
data strobe, the FIFO stores the valid data. If the FIFO is full when it receives a data strobe, the
data is discarded and an overrun error bit is set.
14.3.6.6 Error Detection and Recovery
In most usages, since the CODEC continuously requests sample-data transmission and
reception, after DMA is finished, underrun and overrun will occur. The procedure described
below allows the software to determine whether an error has occurred during DMA operation.
The software sets ACLC Control Enable Register (ACCTLEN)’s Error Halt Enable
(xxxxEHLT) bit before it starts a DMA channel. After it starts the DMA channel, it waits until
ACLC Interrupt Status Register (ACINTSTS)’s Underrun or Overrun Error (xxxxERR) bit is set.
When the event is detected, the software checks DMA Channel Control Register (DMCCRn)’s
Transfer Active (XFACT) bit and ACLC DMA Request Status Register (ACDMASTS)’s Request
(xxxxDMA) bit and determines the DMA completion status as follows.
Table 14.3.9 DMA Completion Status Determination
DMCCRn.XFACT
ACDMASTS.xxxxDMA
Completion Status
Inactive
Pending
No Error during DMA
Inactive
Not Pending
Underrun or Overrun
Active
*
Underrun or Overrun
To recover from error, disable and enable the stream via ACCTLEN, and restart the DMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com