Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 418 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 418 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 414Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 415Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 416Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 417Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 418Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 419Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 420Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 421Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 422Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 552 page
background image
Chapter 14 AC-link Controller
14-12
14.3.6.4 DMA Operation
When ACLC’s REQ latch (refer to Figure 14.3.6 and Figure 14.3.7) needs to read or write
sample-data, it issues a DMA request. When DMAC acknowledges the request by performing
write- or read-access to the ACLC sample-data register, ACLC deasserts the request. Therefore,
the software must properly set up DMAC so that the source or destination points to the
corresponding sample-data register for the DMA channel.
Setup the DMA Channel Control Registers (DMCCRn) in DMAC as follows.
Immediate chain
Enable
DMCCRn.IMMCHN = 1 [Note]
DMA request polarity
Low-active
DMCCRn.REQPOL = 0
DMA acknowledge polarity
Low-active
DMCCRn.ACKPOL = 0
Request sense
Level-sensitive
DMCCRn.EGREQ = 0
Sample chain
1 word
DMCCRn.SMPCHN = 1
Transfer size
1 word
DMCCRn.XFSZ = 010b
Transfer address mode
Dual
DMCCRn.SNGAD = 0
Note: Use this setting when DMA chain operation is utilized
For a transmission channel, assign the address of ACLC Audio PCM
Output/Surround/Center/LFE/Modem Output Register (ACAUDO/SURR/CENT/LFE/
MODODAT) to the DMAC destination address register (DMDARn). For a reception channel,
assign the address of ACLC Audio input/Modem Input Register (ACAUDI/MODIDAT) to the
DMAC source address register (DMSARn).
When any DMA request is pending, the REQ latch will not deasserted the request until the
corresponding sample-data register is accessed. Just unsetting ACLC Control Enable Register
(ACCTLEN)’s DMA Enable (xxxxDMA) bit corresponding to the DMA will not clear the REQ
latch.
The procedure to continuously push or pull the sample-data stream through the chain DMA
operation follows the DMAC specification. Refer to section 8.3.10 for this respect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com