Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 429 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 429 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 425Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 426Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 427Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 428Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 429Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 430Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 431Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 432Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 433Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 552 page
background image
Chapter 14 AC-link Controller
14-23
14.4.4 ACLC Interrupt Status Register
0xF710
This register shows various kinds of AC-link and ACLC status.
31
16
Reserved
: Type
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MODIE
RR
MODOE
RR
Reserved
AUDIE
RR
LFEERR
CENTE
RR
SURRE
RR
AUDOE
RR
Reserved
GPIOINT
REGAC
CRDY
Reserved
CODEC
1RDY
CODEC
0RDY
R/W1C R/W1C
R/W1C R/W1C R/W1C R/W1C R/W1C
R/W1C R/W1C
R
R
: Type
0
0
0
0
0
0
0
0
1
0
0
: Initial value
Bit
Mnemonic Field Name
Description
Read/Write
31:16
—
Reserved
⎯
MODIERR: Modem Receive-data DMA Overrun
R/W1C
15
MODIERR
Modem
Receive-data
DMA Overrun
R
W1C
1: Indicates that the modem receive-data DMA overran.
This bit is cleared when “1” is written to it.
MODOERR: Modem Transmit-data DMA Underrun
R/W1C
14
MODOERR
Modem
Transmit-data
DMA Underrun
R
W1C
1: Indicates that the modem transmit-data DMA underran.
This bit is cleared when “1” is written to it.
13
⎯
Reserved
⎯
AUDIERR: Audio Receive-data DMA Overrun
R/W1C
12
AUDIERR
Audio
Receive-data
DMA Overrun
R
W1C
1: Indicates that the audio receive-data DMA overran.
This bit is cleared when “1” is written to it.
LFEERR: Audio LFE Transmit-data DMA Underrun
R/W1C
11
LFEERR
Audio LFE
Transmit-data
DMA Underrun
R
W1C
1: Indicates that the audio LFE transmit-data DMA underran.
This bit is cleared when “1” is written to it.
CENTERR: Audio Center Transmit-data DMA Underrun
R/W1C
10
CENTERR
Audio Center
Transmit-data
DMA Underrun
R
W1C
1: Indicates that the audio center transmit-data DMA underran.
This bit is cleared when “1” is written to it.
SURRERR: Audio Surround L&R Transmit-data DMA Underrun
R/W1C
9
SURRERR
Audio Surround
L&R
Transmit-data
DMA Underrun
R
W1C
1: Indicates that the audio surround L&R transmit-data DMA
underran.
This bit is cleared when “1” is written to it.
AUDOERR: Audio PCM L&R Transmit-data DMA Underrun
R/W1C
8
AUDOERR
Audio PCM
L&R Transmit-
data DMA
Underrun
R
W1C
1: Indicates that the audio PCM L&R transmit-data DMA underran.
This bit is cleared when “1” is written to it.
7:6
⎯
Reserved
⎯
GPIOINT: GPIO Interrupt
R/W1C
5
GPIOINT
GPIO Interrupt
R
W1C
1: Indicates that the incoming slot 12 bit[0] is ‘1’ (the modem CODEC
GPIO interrupt).
This bit is cleared if “1” is written to it while the incoming slot 12 bit[0]
is ‘0’.
Figure 14.4.4 ACINTSTS Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com