Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 430 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 430 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 426Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 427Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 428Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 429Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 430Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 431Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 432Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 433Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 434Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 552 page
background image
Chapter 14 AC-link Controller
14-24
Bit
Mnemonic
Field Name
Description
Read/Write
REGACCRDY: ACREGACC Ready
R/W1C
4
REGACCRDY ACREGACC
Ready
R
W1C
1: Indicates that the ACREGACC register is ready to get the value
(in case the previous operation was a read access) and to
initiate another R/W access to an AC’97 register.
The result of reading or writing to the ACREGACC register before
the completion notification is undefined.
This bit is cleared if “1” is written to it.
This bit automatically becomes ‘0’ when the ACREGACC register
is written.
3:2
⎯
Reserved
⎯
CODEC1RDY: CODEC1 Ready
R
1
CODEC1RDY CODEC1 Ready
R
1: Indicates that the CODEC Ready bit of SDIN1 Slot0 is set.
CODEC0RDY: CODEC0 Ready
R
0
CODEC0RDY CODEC0 Ready
R
1: Indicates that the CODEC Ready bit of SDIN0 Slot0 is set.
Figure 14.4.4 ACINTSTS Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com