Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 434 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 434 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 430Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 431Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 432Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 433Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 434Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 435Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 436Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 437Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 438Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 552 page
background image
Chapter 14 AC-link Controller
14-28
14.4.10 ACLC GPO Data Register
0xF744
This register specifies GPIO (slot 12) output data.
31
21
20
19
16
Reserved
WRPEND
GPODAT
R
R/W
: Type
0
0x00000
: Initial value
15
1
0
GPODAT
R/W
R
: Type
0x00000
0
: Initial value
Bit
Mnemonic Field Name
Description
Read/Write
31:20
⎯
Reserved
⎯
WRPEND: Write Pending
R
20
WRPEND
Write Pending
R
0: Indicates that the previous write operation is complete and the
ACGPODAT register is ready to be written.
1: Indicates that the previous write operation is not complete and
the ACGPODAT register is not yet ready to be written.
GPODAT: GPIO-Out data
R/W
19:1
GPODAT
GPIO-Out data
R
W
Reads back the value previously written to this field.
Writes data to the outgoing slot 12 bits[19:1].
0
⎯
⎯
R
Reads always ‘0’.
R
Figure 14.4.7 ACGPODAT Register
Writing a value into this register needs several BITCLK cycles to take effect. The software must
guarantee that no write access be executed until the previous write access takes effect (completes), by
reading the ACGPODAT.WRPEND bit prior to writing this register. If it is set for a long time, the
BITCLK signal on the AC-link is probably inactive for whatever reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com