Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 435 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 435 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 431Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 432Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 433Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 434Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 435Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 436Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 437Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 438Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 439Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 552 page
background image
Chapter 14 AC-link Controller
14-29
14.4.11 ACLC Slot Enable Register
0xF748
This register enables independently the AC-link slot data streams.
31
17
16
Reserved
WRPEND
R
: Type
0
: Initial value
15
10
9
8
7
6
5
4
3
2
1
0
Reserved
GPISLT GPOSLT MODISLT
MODO
SLT
Reserved AUDISLT LFESLT
CENT
SLT
SURR
SLT
AUDO
SLT
R/W1S R/W1S R/W1S R/W1S
R/W1S R/W1S R/W1S R/W1S R/W1S
: Type
1
1
1
1
1
1
1
1
1
: Initial value
Bit
Mnemonic Field Name
Description
Read/Write
31:17
⎯
Reserved
⎯
WRPEND: Write Pending
R
16
WRPEND
Write Pending
R
0: Indicates that the previous write operation is complete and the
ACSLTEN and ACSLTDIS registers are ready to be accessed.
1: Indicates that the previous write operation is not complete and
the ACSLTEN and ACSLTEDIS registers are not yet ready to
be accessed.
15:10
⎯
Reserved
⎯
GPISLT: Enable GPI slot reception.
R/W1S
9
GPISLT
Enable GPI slot
reception
R
W1S
0: Indicates that GPI slot reception is disabled.
1: Indicates that GPI slot reception is enabled.
0: No effect
1: Enables GPI slot reception.
GPOSLT: Enable GPO Slot transmission.
R/W1S
8
GPOSLT
Enable GPO
Slot
transmission
R
W1S
0: Indicates that GPO slot transmission is disabled.
1: Indicates that GPO slot transmission is enabled.
0: No effect
1: Enables GPO slot transmission.
MODISLT: Enable Modem slot reception.
R/W1S
7
MODISLT
Enable Modem
slot reception
R
W1S
0: Indicates that modem slot reception is disabled.
1: Indicates that modem slot reception is enabled.
0: No effect
1: Enables modem slot reception.
MODOSLT: Enable Modem slot transmission.
R/W1S
6
MODOSLT
Enable Modem
slot
transmission
R
W1S
0: Indicates that modem slot transmission is disabled.
1: Indicates that modem slot transmission is enabled.
0: No effect
1: Enables modem slot transmission.
5
⎯
Reserved
⎯
Figure 14.4.8 ACSLTEN Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com