Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 121 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 121 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 117Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 118Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 119Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 120Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 121Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 122Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 123Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 124Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 125Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 552 page
background image
Chapter 7 External Bus Controller
7-21
7.4.1
External Bus Channel Control Register (EBCCRn)
0x9000 (ch. 0), 0x9008 (ch. 1)
0x9010 (ch. 2), 0x9018 (ch. 3)
0x9020 (ch. 4), 0x9028 (ch. 5)
0x9030 (ch. 6), 0x9038 (ch. 7)
Channel 0 can be used as Boot memory. Therefore, the default is set by the Boot signal (see 7.3.2
Global/Boot-up Options). Channels 1 - 7 have the same register configuration as Channel 0, but they
have different defaults than Channel 0.
When the EBCCRn is programmed using a sequence of 32-bit store instructions, the base address in
the high-order 32-bit portion of the register must be written first, followed by the Master Enable bit in
the low-order 32-bit portion.
63
48
BA[35:20]
R/W
:Type
0x01FC/0x0000
: Initial value
47
32
Reserved
: Type
: Initial value
31
22
21
20
19
18
17
16
Reserved
BSZ
PM
PWT
R/W
R/W
R/W
: Type
D[1:0]/00
0
0
11/00
: Initial value
15
12
11
8
7
6
5
4
3
2
0
WT
CS
BC
RDY
SP
ME
SHWT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
111(~D[4])/0000
0
0
1 / 0
0
D[5]/0
0
A[7:6]/00
A[8]/0
0
0
0
: Initial value
Only in the case of Channel 0 are fields with different defaults in the “Channel 0/Other channel” state.
D[ ] represents the corresponding Data[ ] signal value when the RESET* signal is deasserted. A[ ] represents
the corresponding ADDR[ ] signal value when the RESET* signal is deasserted.
Bit
Mnemonic
Field Name
Description
Read/Write
63:48
BA[35:20]
Base Address
External Bus Control Base Address (Default: 0x01FC/0x0000)
A physical address is used to specify the base address. The upper 16 bits
[35:20] of the physical address are compared to the value of this field.
R/W
47:22
Reserved
⎯
21:20
BSZ
Bus Width
External Bus Control Bus Size (Default: DATA[1:0]/00)
Specifies the memory bus width.
00: Reserved
10: 16-bit width
01: 32-bit width
11: 8-bit width
Note: DATA[1:0] is set to Channel 0 as the default.
R/W
19:18
PM
Page Mode
Page Size
External Bus Control Page Mode Page Size (Default: 00)
Specifies the Page mode (Page mode memory support) use and page size.
00: Normal mode
01: 4-page mode
10: 8-page mode
11: 16-page mode
R/W
Figure 7.4.1 External Bus Channel Control Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com