Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 163 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 163 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 159Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 160Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 161Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 162Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 163Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 164Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 165Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 166Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 167Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 552 page
background image
Chapter 8 DMA Controller
8-7
8.3.3.2
Dual Address Transfer
If the Single Address bit (DMCCRn.SNGAD) has been cleared, access to external I/O devices
and to external memory is each performed continuously. Each access is the same as normal access
except when the DMAACK[n] signal is asserted.
Please refer to “8.3.8 Dual Address Transfer” for information regarding setting the register.
8.3.3.3
Single Address Transfer (Fly-by DMA)
If the Single Address bit (DMCCRn.SNGAD) is set, either data reading from an external I/O
device and data writing to external memory or data reading from external memory and data
writing to an external I/O device is performed simultaneously. The following conditions must be
met in order to perform Single Address transfer.
•
The data bus widths of the external I/O device and external memory match
•
Data can be input/output to/from the external I/O device and external memory during the
same clock cycle
The Transfer Direction bit (MEMIO) of the DMA Channel Control Register (DMCCRn)
specifies the transfer direction.
•
From memory to an external I/O device (DMCCRn.MEMIO = “1”)
External memory Read operation to an address specified by the DMA Source Address
Register (DMSARn) is performed simultaneously to assertion of the DMAACK[n] signal.
•
Single Address transfer from memory to an external I/O device (DMCCRn.MEMIO = “0”)
External memory Write operation to an address specified by the DMA Source Address
Register (DMSARn) is performed simultaneously to assertion of the DMAACK[n] signal. At
this time, the external I/O device drives the DATA signal instead of the TX4937.
Special attention must be paid to the timing design when the bus clock frequency is high or
when performing Burst transfer. Single Address transfer using Burst transfer with SDRAM is not
recommended.
8.3.3.4
DMADONE* Signal
The DMADONE* signal operates as either the DMA stop request input signal or the DMA done
signalling output signal, or may operate as both of these signals depending on the setting of the
DONE Control Field (DNCTRL) of the DMA Channel Control Register (DMCCRn).
The DMADONE* signal is shared by four channels. The DMADONE* channel is valid for a
channel when the DMAACK[n] signal for that channel is asserted.
If the DMADONE* channel is set to be used as an output signal (DMCCRn.DNCTRL = 10/11),
it will operate as follows depending on the setting of the Chain End bit (CHDN) of the DMA
Channel Control Register (DMCCRn).
When the Chain End bit (CHDN) is set, the DMADONE* signal is only asserted when the
DMAACK[n] signal for the last DMA transfer in the Link List Command Chain is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com