Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 173 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 173 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 169Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 170Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 171Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 172Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 177Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 552 page
background image
Chapter 8 DMA Controller
8-17
8.3.9
DMA Transfer
The sequence of DMA transfer that uses only the DMA Channel Register is as follows below.
1.
Select DMA request signal
When performing external I/O or internal I/O DMA, set the DMA Request Select field
(PCFG.DMASEL) of the Pin Configuration Register.
2.
Set the Master Enable bit
Set the Master Enable bit (DMMCR.MSTEN) of the DMA Master Control Register.
3.
Set the Address Register and Count Register
Set the five following register values.
•
DMA Source Address Register (DMSARn)
•
DMA Destination Address Register (DMDARn)
•
DMA Count Register (DMCNTRn)
•
DMA Source Address Increment Register (DMSAIRn)
•
DMA Destination Address Increment Register (DMDAIRn)
4.
Set Chain Address Register
Set “0” to the DMA Chain Address Register (DMCHARn).
5.
Clear the DMA Channel Status Register (DMCSRn)
Clear when status from the previous DMA transfer remains.
6.
Set the DMA Channel Control Register (DMCCRn)
7.
Initiate DMA transfer
DMA transfer is started by setting the Transfer Active bit (XFACT) of the DMA Channel Control
Register.
8.
Signal completion
When DMA data transfer ends normally, set the Normal Transfer Complete bit (NTRNFC) of the
DMA Channel Status Register (DMCSRn). An interrupt is signalled if the Transfer Complete
Interrupt Enable bit (INTENT) of the DMA Channel Control Register (DMCCRn) is set.
If an error is detected during DMA transfer, the error cause is recorded in the lower four bits of the
DMA Channel Status Register and the transfer is interrupted. If the Error Interrupt Enable bit
(INTENE) of the DMA Channel Control Register is set, then the interrupt is signaled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com