Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 181 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 181 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 185Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 552 page
background image
Chapter 8 DMA Controller
8-25
8.4.1
DMA Master Control Register (DM0MCR, DM1MCR)
Offset address: DMAC0 0xB150, DMAC1 0xB950
This register controls the entire DMA Controller.
63
48
Reserved
: Type
: Initial value
47
32
Reserved
: Type
: Initial value
31
28
27
24
23
21
20
16
EIS[3:0]
DIS[3:0]
Reserved
FIFVC
R
R
R
: Type
0000
0000
0000000
: Initial value
15
14
13
11
10
8
7
6
3
2
1
0
FIFVC
FIFWP
FIFRP
RSFIF
FIFUM[3:0]
Reserved
RRPT MSTEN
R
R
R/W
R/W
R/W
R/W
: Type
000
000
0
0000
0
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:32
Reserved
⎯
31:28
EIS[3:0]
Error Interrupt
Status
Error Interrupt Status [3:0] (Default: 0x0)
These four bits indicate the error interrupt status of each channel. EIS[n]
corresponds to channel n.
1: There is an error interrupt in the corresponding channel.
0: There is no error interrupt in the corresponding channel.
R
27:24
DIS[3:0]
Normal
Completion
Interrupt Status
Done Interrupt Status [3:0] (Default: 0x0)
These four bits indicate the transfer completion (transfer complete or chain
ended) interrupt status of each channel. DIS[n] corresponds to channel n.
1: There is a transfer completion interrupt in the corresponding channel.
0: There is no transfer completion interrupt in the corresponding channel.
R
23:21
Reserved
⎯
20:14
FIFVC
FIFO Valid Entry
Count
FIFO Valid Entry Count (Default: 0000000)
These read only bits indicate the byte count of data that were written to
FIFO but not read out from the FIFO.
R
13:11
FIFWP
FIFO Write
Pointer
FIFO Write Pointer (Default: 000)
These read only bits indicate the next write position in FIFO. This is a
diagnostic function.
R
10:8
FIFRP
FIFO Read
Pointer
FIFO Read Pointer (Default: 000)
These read only bits indicate the next read position in FIFO. This is a
diagnostic function.
R
7
RSFIF
Reset FIFO
Reset FIFO (Default: 0)
This bit is used for resetting FIFO. When this bit is set to “1”, the FIFO read
pointer, FIFO write pointer and FIFO valid entry count are initialized to “0”.
If an error occurs during DMA transfer, use this bit when data remains in
the FIFO (when the FIFO Valid entry Count Field is not “0”) to initialize the
FIFO.
R/W
Figure 8.4.1 DMA Master Control Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com