Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 190 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 190 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 190Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 191Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 192Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 193Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 194Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 552 page
background image
Chapter 8 DMA Controller
8-34
8.4.5
DMA Destination Address Register (DM0DARn, DM1DARn)
Offset Address: DMAC0 0xB010 (ch. 0) / 0xB050 (ch. 1) / 0xB090 (ch. 2) / 0xB0D0 (ch. 3)
DMAC1 0xB810 (ch. 0) / 0xB850 (ch. 1) / 0xB890 (ch. 2) / 0xB8D0 (ch. 3)
63
48
Reserved
: Type
: Initial value
47
36
35
32
Reserved
DADDR[35:32]
R/W
: Type
⎯
: Initial value
31
16
DADDR[31:16]
R/W
: Type
⎯
: Initial value
15
0
DADDR[15:0]
R/W
: Type
⎯
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:36
Reserved
⎯
35:0
DADDR
Destination
Address
Destination Address (Default: undefined)
This register sets the physical address of the transfer destination during
Dual Address transfer. This register is ignored during Single Address
transfer.
Refer to “8.3.8.1 Channel Register Settings During Dual Address Transfer”
for more information.
During Burst transfer, the value changes only by the size of data
transferred during each single bus operation. During Single transfer, the
value only changes by the value specified by the DMA Destination Address
Increment Register (DMDAIRn).
R/W
Figure 8.4.5 DMA Destination Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com