Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 142 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 142 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 138Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 139Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 140Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 141Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 142Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 143Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 144Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 145Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 146Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 286 page
background image
Chapter 8 CPU Exception
8-14
8.14 System Call Exception
8.14.1
Cause
The System Call exception occurs during an attempt to execute the SYSCALL instruction. This
exception is not maskable.
8.14.2
Processing
The common exception vector is used for this exception, and the Sys code in Cause register is set.
If EXL bit of Status register is only set to 0, the following operation is executed. EPC register points to
the address of the SYSCALL instruction. If, however, the affected instruction was in the branch delay slot
(for execution during a branch), the immediately preceding branch instruction address is retained in EPC
register, and BD bit of Cause register is set to 1.
8.14.3
Servicing
When this exception occurs, control is transferred to the applicable system routine.
To resume execution, the EPC register must be altered so that the SYSCALL instruction does not
re-execute; this is accomplished by adding a value of 4 to the EPC register (EPC register
+ 4) before
returning.
If a SYSCALL instruction is in a branch delay slot, a more complicated algorithm, beyond the scope of
this description, may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com