Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 144 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 144 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 140Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 141Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 142Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 143Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 144Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 145Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 146Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 147Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 148Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 286 page
background image
Chapter 8 CPU Exception
8-16
8.16 Reserved Instruction Exception
8.16.1
Cause
The Reserved Instruction exception occurs when one of the following condition occurs:
•
an attempt is made to execute an instruction with an undefined major opcode (bits 31-26)
•
an attempt is made to execute a SPECIAL instruction with an undefined minor opcode (bits 5-0)
•
an attempt is made to execute a REGIMM instruction with an undefined minor opcode (bits
20-16)
•
an attempt is made to execute 64-bit operations in 32-bit mode when in User or Supervisor
modes
•
an attempt is made to execute a COPz rs instruction with an undefined minor opcode (bits
25-21)
•
an attempt is made to execute a COPz rt instruction with an undefined minor opcode (bits
20-16)
64-bit operations are always valid in Kernel mode regardless of the value of the KX bit in Status
register. This exception is not maskable.
8.16.2
Processing
The common exception vector is used for this exception, and the RI code in Cause register is set.
If EXL bit of Status register is only set to 0, the following operation is executed. EPC register points to
the address of the instruction causing the exception. If, however, the affected instruction was in the branch
delay slot (for execution during a branch), the immediately preceding branch instruction address is
retained in EPC register and the BD bit of Cause register is set to 1.
8.16.3
Servicing
No instruction in the MIPS ISA are currently interpreted. The process executing at the time of this
exception is handed an illegal instruction/reserved operand fault signal. This error is usually fatal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com