Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 143Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 144Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 145Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 146Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 147Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 148Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 149Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 150Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 286 page
background image
Chapter 8 CPU Exception
8-19
8.19 Interrupt Exception
8.19.1
Cause
The Interrupt exception is raised by any of eight interrupts (two software and six hardware). A
hardware interrupt is raised when Int[5:0]* signal goes active. A software interrupt is raised by setting the
IP[1]/IP[0] bit in Cause register. The significance of these interrupts is dependent upon the specific
system implementation.
Each of the eight interrupts can be masked individually by clearing its corresponding bit in the
IM(Interrupt Mask) field of Status register, and all interrupts can be masked at once by clearing IE bit of
Status register to 0.
8.19.2
Processing
The common exception vector is used as following:
•
In 32-bit mode, 0x8000 0180 (BEV
= 0)
0xbfc0 0380 (BEV
= 1)
•
In 64-bit mode, 0xffff ffff 8000 0180 (BEV
= 0)
0xffff ffff bfc0 0380 (BEV
= 1
When the processor is in the doze or halt operation mode, it is returned to the normal operation mode by
an interrupt.
8.19.3
Servicing
If the interrupt is caused by one of the two software-generated exceptions (SW1 or SW0), the interrupt
condition is cleared by setting the corresponding Cause register bit to 0.
If the interrupt is hardware-generated, the interrupt condition is cleared by correcting the condition
causing the interrupt pin to be asserted.
If the timer interrupt is caused, the interrupt condition is cleared by changing the value of the Compare
register or setting the corresponding Cause register bit (IP[7]) to 0.
Interrupts are not acceptable when the settings of the Status register are EXL = 1 and ERL = 1.
Note:
Due to the write buffer, a store to an external device will not necessary occur until after
other instructions in the pipeline finish. Thus, the user must ensure that the store will
occur before the return from exception instruction (ERET) is executed otherwise the
interrupt may be serviced again even though there should be no interrupt pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com