Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 142Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 143Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 144Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 145Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 146Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 147Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 148Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 149Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 286 page
background image
Chapter 8 CPU Exception
8-18
8.18 Floating-Point Exception
8.18.1
Cause
The Floating-Point exception is used by the floating-point coprocessor. This exception is not maskable.
8.18.2
Processing
The common exception vector is used for this exception, and the FPE code in Cause register is set. The
contents of the Floating-Point Control/Status register indicate the cause of this exception.
If EXL bit of Status register is only set to 0, the following operation is executed. EPC register points to
the address of the instruction causing the exception. If, however, the affected instruction was in the branch
delay slot (for execution during a branch), the immediately preceding branch instruction address is
retained in EPC register and the BD bit of Cause register is set to 1.
8.18.3
Servicing
This exception is cleared by clearing the appropriate bit in the Floating-Point Control/Status register.
For an unimplemented instruction exception, the kernel should emulate the instruction; for other
exceptions, the kernel should pass the exception to the user program that caused the exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com