Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 4 Page - Texas Instruments

  ADS6223 Datasheet HTML 1Page - Texas Instruments ADS6223 Datasheet HTML 2Page - Texas Instruments ADS6223 Datasheet HTML 3Page - Texas Instruments ADS6223 Datasheet HTML 4Page - Texas Instruments ADS6223 Datasheet HTML 5Page - Texas Instruments ADS6223 Datasheet HTML 6Page - Texas Instruments ADS6223 Datasheet HTML 7Page - Texas Instruments ADS6223 Datasheet HTML 8Page - Texas Instruments ADS6223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
3.0
3.3
3.6
V
LVDD
LVDS Buffer supply voltage
3.0
3.3
3.6
V
ANALOG INPUTS
Differential input voltage range
2
Vpp
1.5
Input common-mode voltage
V
±0.1
Voltage applied on VCM in external reference mode
1.45
1.50
1.55
V
CLOCK INPUT
ADS6225
5
125
ADS6224
5
105
Input clock sample rate
MSPS
ADS6223
5
80
ADS6222
5
65
Sine wave, ac-coupled
0.4
1.5
LVPECL, ac-coupled
±0.8
Input clock amplitude differential (VCLKP – VCLKM)
Vpp
LVDS, ac-coupled
±0.35
LVCMOS, ac-coupled
3.3
Input clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
Without internal termination
5
Maximum external load capacitance from each output pin to
CLOAD
pF
DGND
With internal termination
10
RLOAD Differential load resistance (external) between the LVDS output pairs
100
Ω
TA
Operating free-air temperature
–40
85
°C
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
ADS6225
ADS6224
ADS6223
ADS6222
Fs = 125 MSPS
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
RESOLUTION
12
12
12
12
Bits
ANALOG INPUT
Differential input voltage
2.0
2.0
2.0
2.0
VPP
range
Differential input
7
7
7
7
pF
capacitance
Analog input bandwidth
500
500
500
500
MHz
Analog input common mode
155
130
100
81
μA
current (per input pin of
each ADC)
REFERENCE VOLTAGES
VREFB
Internal reference bottom
1.0
1.0
1.0
1.0
V
voltage
VREFT
Internal reference top
2.0
2.0
2.0
2.0
V
voltage
ΔVREF
Internal reference error,
–15
±2
15
–15
±2
15
–15
±2
15
–15
±2
15
mV
(VREFT–VREFB)
VCM
Common mode output
1.5
1.5
1.5
1.5
V
voltage
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com