Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS6223 Datasheet HTML 9Page - Texas Instruments ADS6223 Datasheet HTML 10Page - Texas Instruments ADS6223 Datasheet HTML 11Page - Texas Instruments ADS6223 Datasheet HTML 12Page - Texas Instruments ADS6223 Datasheet HTML 13Page - Texas Instruments ADS6223 Datasheet HTML 14Page - Texas Instruments ADS6223 Datasheet HTML 15Page - Texas Instruments ADS6223 Datasheet HTML 16Page - Texas Instruments ADS6223 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
www.ti.com
(3/8) AVDD
(3/8) AVDD
ToParallelPin
3R
AVDD
AVDD
GND
GND
3R
2R
(5/8) AVDD
(5/8) AVDD
DESCRIPTION OF PARALLEL PINS
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
Table 4. Priority Between Parallel Pins and Serial Registers
PIN
FUNCTIONS SUPPORTED
PRIORITY
CFG1 to
As described in Table 9 to
Register bits can control the modes ONLY if the <OVRD> bit is high. If the <OVRD> bit is
CFG4
Table 12
LOW, then the control voltage on these parallel pins determines the function as per Tables
D0 Bit of register 0x00 controls Power down global ONLY if PDN pin is LOW. If PDN is high,
PDN
Global power down
device is in global power down mode.
Coarse Gain setting is controlled by bit D5 of register 0x0D ONLY if the <OVRD> bit is high.
Else, it is in default register setting of 0 dB COARSE GAIN.
SEN
Serial Interface Enable
Internal/external reference setting is determined by bit D6 of register 0x00.
D7, D6, D5 Bits of register 0x0A control the sync and deskew output patterns.
SCLK,
Serial Interface Clock and
SDATA
Serial Interface Data pins
Power down is determined by bit D0 of 0x00 register.
Figure 3. Simple Scheme to Configure Parallel Pins
Table 5. SCLK, SDATA Control Pins
SCLK
SDATA
DESCRIPTION
LOW
LOW
NORMAL conversion.
SYNC – ADC Outputs sync pattern on all channels. This pattern can be used by the receiver to align the
LOW
HIGH
deserialized data to the frame boundary. See Capture Test Patterns for details.
POWER DOWN – Global power down, all channels of the ADC are powered down, including internal references,
HIGH
LOW
PLL and output buffers.
DESKEW – ADC outputs deskew pattern on all channels. This pattern can be used by the receiver to ensure
HIGH
HIGH
deserializer uses the right clock edge. See Capture Test Patterns for details.
Table 6. SEN Control Pin
SEN
DESCRIPTION
0
External reference and 0 dB coarse gain (full-scale = 2 Vpp)
(3/8)LVDD
External reference and 3.5 dB coarse gain (full-scale = 1.34 Vpp)
(5/8)LVDD
Internal reference and 3.5 dB coarse gain (full-scale = 1.34 Vpp)
LVDD
Internal reference and 0 dB coarse gain (full-scale = 2 Vpp)
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com