Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 49 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS6223 Datasheet HTML 45Page - Texas Instruments ADS6223 Datasheet HTML 46Page - Texas Instruments ADS6223 Datasheet HTML 47Page - Texas Instruments ADS6223 Datasheet HTML 48Page - Texas Instruments ADS6223 Datasheet HTML 49Page - Texas Instruments ADS6223 Datasheet HTML 50Page - Texas Instruments ADS6223 Datasheet HTML 51Page - Texas Instruments ADS6223 Datasheet HTML 52Page - Texas Instruments ADS6223 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
www.ti.com
S0167-05
CLKP
CLKM
DifferentialSine-Wave
orPECL orLVDSClockInput
ADS6xxx
0.1 F
m
0.1 F
m
V
CC
V
CC
REF_IN
VCXO_INM
CTRL
OUTP
OUTM
Y0B
Y0
ADS6xxx
CLKM
CLKP
VCXO
CDCM7005
VCXO_INP
Reference Clock
S0238-02
S0168-07
CLKP
CLKM
CMOSClockInput
ADS6xxx
0.1 F
m
0.1 F
m
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
Figure 88. Differential Clock Driving Circuit
Figure 89 shows a typical scheme using PECL clock drive from a CDCM7005 clock driver. SNR performance
with this scheme is comparable with that of a low jitter sine wave clock source.
Figure 89. PECL Clock Drive Using CDCM7005
Single-ended CMOS clock can be ac-coupled to the CLKP input, with CLKM (pin) connected to ground with a
0.1-
μF capacitor, as shown in Figure 90.
Figure 90. Single-Ended Clock Driving Circuit
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com