Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS6223 Datasheet HTML 19Page - Texas Instruments ADS6223 Datasheet HTML 20Page - Texas Instruments ADS6223 Datasheet HTML 21Page - Texas Instruments ADS6223 Datasheet HTML 22Page - Texas Instruments ADS6223 Datasheet HTML 23Page - Texas Instruments ADS6223 Datasheet HTML 24Page - Texas Instruments ADS6223 Datasheet HTML 25Page - Texas Instruments ADS6223 Datasheet HTML 26Page - Texas Instruments ADS6223 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
www.ti.com
PIN CONFIGURATION (2-WIRE INTERFACE)
P0023-07
ADS622x
RGZPACKAGE
(TOP VIEW)
LGND
LVDD
CAP
RESET
LVDD
AGND
AVDD
AGND
AGND
INA_M
INA_P
AGND
1
2
3
4
5
6
7
8
9
10
11
12
LVDD
LGND
SCLK
SDATA
SEN
PDNA
PDNB
AGND
AGND
INB_M
INB_P
AGND
36
35
34
33
32
31
30
29
28
27
26
25
PAD
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
PIN ASSIGNMENTS (2-WIRE INTERFACE)
PINS
NO. OF
I/O
DESCRIPTION
PINS
NAME
NO.
SUPPLY AND GROUND PINS
AVDD
7,13,24
3
Analog power supply
6,8,9,12,17,
AGND
9
Analog ground
20,25,28,29
LVDD
2,5,36
3
Digital power supply
LGND
1,35
2
Digital ground
INPUT PINS
CLKP, CLKM
18,19
I
2
Differential input clock pair
Differential input signal pair, channel A. If unused, the pins should be tied to VCM. Do not
INA_P, INA_M
11,10
I
2
float.
Differential input signal pair, channel B. If unused, the pins should be tied to VCM. Do not
INB_P, INB_M
26,27
I
I2
float.
CAP
3
I
1
Connect 2-nF capacitor from pin to ground
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com