Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 5 Page - Texas Instruments

  ADS6223 Datasheet HTML 1Page - Texas Instruments ADS6223 Datasheet HTML 2Page - Texas Instruments ADS6223 Datasheet HTML 3Page - Texas Instruments ADS6223 Datasheet HTML 4Page - Texas Instruments ADS6223 Datasheet HTML 5Page - Texas Instruments ADS6223 Datasheet HTML 6Page - Texas Instruments ADS6223 Datasheet HTML 7Page - Texas Instruments ADS6223 Datasheet HTML 8Page - Texas Instruments ADS6223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
www.ti.com
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
ADS6225
ADS6224
ADS6223
ADS6222
Fs = 125 MSPS
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VCM output current
4
4
4
4
mA
capability
DC ACCURACY
No missing codes
Assured
Assured
Assured
Assured
EO
Offset error, across devices
–15
±2
15
–15
±2
15
–15
±2
15
–15
±2
15
mV
and across channels within
a device
Offset error temperature
0.05
0.05
0.05
0.05
mV/
°C
coefficient, across devices
and across channels within
a device
There are two sources of gain error - internal reference inaccuracy and channel gain error
EGREF
Gain error due to internal
–0.75
±0.1
0.75
–0.75
±0.1
0.75
–0.75
±0.1
0.75
–0.75
±0.1
0.75
% FS
reference inaccuracy alone,
(
ΔVREF /2.0)%
Reference gain error
0.0125
0.0125
0.0125
0.0125
Δ%/
°C
temperature coefficient
EGCHAN
Gain error of channel alone,
–1
±0.3
1
–1
±0.3
1
–1
±0.3
1
–1
±0.3
1
% FS
across devices and across
channels within a device (1)
Channel gain error
0.005
0.005
0.005
0.005
Δ%/
°C
temperature coefficient,
across devices and across
channels within a device
DNL
Differential nonlinearity
–0.95
±0.5
2.0
–0.95
±0.5
2.0
–0.9
±0.4
1.8
–0.9
±0.4
1.8
LSB
INL
Integral nonlinearity
-2.5
±1.25
2.5
-2.2
±1.25
2.2
-2.0
±1.25
2.0
-2.0
±1.0
2.0
LSB
PSRR
DC power supply rejection
0.5
0.5
0.5
0.5
mV/V
ratio
POWER SUPPLY
ICC
Total supply current
300
245
210
190
mA
IAVDD
Analog supply current
237
185
155
140
mA
ILVDD
LVDS supply current
63
60
55
50
mA
Total power
1.0
1.2
0.81
0.97
0.7
0.85
0.63
0.8
W
Power down (with input
77
150
77
150
77
150
77
150
mW
clock stopped)
(1)
This is specified by design and characterization; it is not tested in production.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com