Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS6223 Datasheet HTML 3Page - Texas Instruments ADS6223 Datasheet HTML 4Page - Texas Instruments ADS6223 Datasheet HTML 5Page - Texas Instruments ADS6223 Datasheet HTML 6Page - Texas Instruments ADS6223 Datasheet HTML 7Page - Texas Instruments ADS6223 Datasheet HTML 8Page - Texas Instruments ADS6223 Datasheet HTML 9Page - Texas Instruments ADS6223 Datasheet HTML 10Page - Texas Instruments ADS6223 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
www.ti.com
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
ADS6225
ADS6224
ADS6223
ADS6222
Fs = 125 MSPS
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Fin = 10 MHz
90
91
91
93
Fin = 50 MHz
73
83
80
76
87
88
Fin = 70 MHz
78
73
81
86
76
86
Fin = 100 MHz
87
85
85
83
HD3
0 dB Gain
75
78
79
80
Third
dBc
Fin = 170
harmonic
3.5 dB
79
82
82
83
MHz
Coarse gain
0 dB Gain
74
76
77
78
Fin = 230
3.5 dB
78
79
80
81
MHz
Coarse gain
Fin = 10 MHz
95
95
96
98
Fin = 50 MHz
94
94
95
95
Worst
Fin = 70 MHz
92
94
95
95
harmonic
dBc
(other than
Fin = 100 MHz
91
92
93
93
HD2, HD3)
Fin = 170 MHz
88
89
90
90
Fin = 230 MHz
86
86
87
87
Fin = 10 MHz
88
89.5
89.5
91
Fin = 50 MHz
70
81
78.5
74
85.5
86
THD
Fin = 70 MHz
70
77
74
Total
dBc
harmonic
Fin = 100 MHz
84
84
83
80.5
distortion
Fin = 170 MHz
73
76
77.5
78.5
Fin = 230 MHz
72
74
75.5
76.5
ENOB
Fin = 50 MHz
10.8
11.4
10.9
11.5
11.5
Effective
Bits
10.9
Fin = 70 MHz
10.8
11.4
number of bits
F1= 46.09 MHz,
IMD
90
90
94
97
F2 = 50.09 MHz
2-Tone
dBFS
intermodulatio
F1= 185.09 MHz,
82
88
92
96
n distortion
F2 = 190.09 MHz
Cross-talk signal
Cross-talk
105
105
106
108
dBc
frequency = 10 MHz
Recovery to within 1% (of final
Input overload
Clock
value) for 6-dB overload with
1
1
1
1
recovery
cycles
sine wave input
AC PSRR
Power Supply
Up to 100 MHz, 100 mVPP on
35
35
35
35
dBc
Rejection
AVDD
Ratio
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com