Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS6223 Datasheet HTML 6Page - Texas Instruments ADS6223 Datasheet HTML 7Page - Texas Instruments ADS6223 Datasheet HTML 8Page - Texas Instruments ADS6223 Datasheet HTML 9Page - Texas Instruments ADS6223 Datasheet HTML 10Page - Texas Instruments ADS6223 Datasheet HTML 11Page - Texas Instruments ADS6223 Datasheet HTML 12Page - Texas Instruments ADS6223 Datasheet HTML 13Page - Texas Instruments ADS6223 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
www.ti.com
DCLKP
DCLKM
CLKM
CLKP
FCLKM
FCLKP
DOP
DOM
Sample N–1
t
A
t
PD_CLK
Sample
N
Sample
N+11
Sample
N+12
Sample
N+13
Input
Signal
Input
Clock
Bit
Clock
Output
Data
Frame
Clock
D11
D11
D7
D7
D3
D3
D9
D9
D5
D5
D1
D1
D10
D10
D6
D6
D2
D2
D8
D8
D4
D4
D0
D0
Latency 12 Clocks
Sample N
T0105-03
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
TIMING SPECIFICATIONS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock, 1.5 VPP clock amplitude, CL = 5 pF , IO = 3.5 mA,
RL = 100 Ω , no internal termination, unless otherwise noted.
ADS6225
ADS6224
ADS6223
ADS6222
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Bit clock and
From +100 mV to
tFALL
Frame clock
50
100
200
50
100
200
50
100
200
50
100
200
ps
–100 mV
fall time
LVDS Bit
clock duty
45%
50%
55%
45%
50%
55%
45%
50%
55%
45%
50%
55%
cycle
LVDS Frame
clock duty
47%
50%
53%
47%
50%
53%
47%
50%
53%
47%
50%
53%
cycle
Figure 1. Latency
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com