Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 1 Page - Texas Instruments

  ADS6223 Datasheet HTML 1Page - Texas Instruments ADS6223 Datasheet HTML 2Page - Texas Instruments ADS6223 Datasheet HTML 3Page - Texas Instruments ADS6223 Datasheet HTML 4Page - Texas Instruments ADS6223 Datasheet HTML 5Page - Texas Instruments ADS6223 Datasheet HTML 6Page - Texas Instruments ADS6223 Datasheet HTML 7Page - Texas Instruments ADS6223 Datasheet HTML 8Page - Texas Instruments ADS6223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
www.ti.com
DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
• Pin Compatible 14-Bit Family (ADS624X -
SLAS542)
• Maximum Sample Rate: 125 MSPS
• Feature Compatible Quad Channel Family
• 12-Bit Resolution with No Missing Codes
(ADS644X - SLAS531 and ADS642X - SLAS532)
• Simultaneous Sample and Hold
• 3.5 dB Coarse Gain and up to 6 dB
Programmable Fine Gain for SFDR/SNR
• Base-Station IF Receivers
Trade-Off
• Diversity Receivers
• Serialized LVDS Outputs with Programmable
• Medical Imaging
Internal Termination Option
• Test Equipment
• Supports Sine, LVCMOS, LVPECL, LVDS Clock
Inputs and Amplitude Down to 400 mVpp
Table 1. ADS62XX Dual Channel Family
• Internal Reference with External Reference
125 MSPS
105 MSPS
80 MSPS
65 MSPS
Support
ADS624X
ADS6245
ADS6244
ADS6243
ADS6242
• No External Decoupling Required for
14 Bit
References
ADS622X
ADS6225
ADS6224
ADS6223
ADS6222
12 Bit
• 3.3-V Analog and Digital Supply
• 48 QFN Package (7 mm × 7 mm)
Table 2. Performance Summary
ADS6225
ADS6224
ADS6223
ADS6222
Fin = 10MHz (0 dB gain)
90
91
91
93
SFDR, dBc
Fin = 170MHz (3.5 dB gain)
79
81
82
83
Fin = 10MHz (0 dB gain)
70.7
70.8
71.3
71.3
SINAD, dBFS
Fin = 170MHz (3.5 dB gain)
67.4
68.1
68.2
68.7
Power per channel, mW
500
405
350
315
ADS6225/ADS6224/ADS6223/ADS6222 (ADS622X) is a family of high performance 12-bit 125/105/80/65 MSPS
dual channel A-D converters. Serial LVDS data outputs reduce the number of interface lines, resulting in a
compact 48-pin QFN package (7 mm
× 7 mm) that allows for high system integration density. The device
includes 3.5 dB coarse gain option that can be used to improve SFDR performance with little degradation in
SNR. In addition to the coarse gain, fine gain options also exist, programmable in 1 dB steps up to 6 dB.
The output interface is 2-wire, where each ADC data is serialized and output over two LVDS pairs. This makes it
possible to halve the serial data rate (compared to a 1-wire interface) and restrict it to less than 1 Gbps easing
receiver design. The ADS622X also includes the traditional 1-wire interface that can be used at lower sampling
frequencies.
An internal phase lock loop (PLL) multiplies the incoming ADC sampling clock to derive the bit clock. The bit
clock is used to serialize the ADC data from each channel. In addition to the serial data streams, the frame and
bit clocks are also transmitted as LVDS outputs. The LVDS output buffers have features such as programmable
LVDS currents, current doubling modes and internal termination options. These can be used to widen
eye-openings and improve signal integrity, easing capture by the receiver.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS6223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62 TI-ADS62 Datasheet
484Kb / 49P
Wideband Transmit-Receive Digital Signal Processors
ADS6242 TI-ADS6242 Datasheet
3Mb / 76P
DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6242IRGZR TI-ADS6242IRGZR Datasheet
3Mb / 76P
DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6242IRGZRG4 TI-ADS6242IRGZRG4 Datasheet
3Mb / 76P
DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6242IRGZT TI-ADS6242IRGZT Datasheet
3Mb / 76P
DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6223

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
04-Jun-2007
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Texas Instruments
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com