Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 3 Page - Texas Instruments

  ADS6223 Datasheet HTML 1Page - Texas Instruments ADS6223 Datasheet HTML 2Page - Texas Instruments ADS6223 Datasheet HTML 3Page - Texas Instruments ADS6223 Datasheet HTML 4Page - Texas Instruments ADS6223 Datasheet HTML 5Page - Texas Instruments ADS6223 Datasheet HTML 6Page - Texas Instruments ADS6223 Datasheet HTML 7Page - Texas Instruments ADS6223 Datasheet HTML 8Page - Texas Instruments ADS6223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE
PACKAGE
PRODUCT
PACKAGE-LEAD
TEMPERATURE
ORDERING NUMBER
MEDIA,
DESIGNATOR
MARKING
RANGE
QUANTITY
ADS6225IRGZT
250, Tape/reel
ADS6225
QFN-48(2)
RGZ
–40
°C to 85°C
AZ6225
ADS6225IRGZR
2000, Tape/reel
ADS6224IRGZT
250, Tape/reel
ADS6224
QFN-48(2)
RGZ
–40
°C to 85°C
AZ6224
ADS6224IRGZR
2000, Tape/reel
ADS6223IRGZT
250, Tape/reel
ADS6223
QFN-48(2)
RGZ
–40
°C to 85°C
AZ6223
ADS6223IRGZR
2000, Tape/reel
ADS6222IRGZT
250, Tape/reel
ADS6222
QFN-48(2)
RGZ
–40
°C to 85°C
AZ6222
ADS6222IRGZR
2000, Tape/reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
For thermal pad size on the package, see the mechanical drawings at the end of this data sheet.
θJA = 23.17 °C/W (0 LFM air flow), θJC
= 22.1
°C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in. x 3 in. PCB.
VALUE
UNIT
AVDD
Supply voltage range
–0.3 to 3.9
V
LVDD
Supply voltage range
–0.3 to 3.9
V
Voltage between AGND and DGND
–0.3 to 0.3
V
Voltage between AVDD to LVDD
–0.3 to 3.3
V
Voltage applied to external pin, VCM
–0.3 to 2.0
V
Voltage applied to analog input pins
–0.3V to minimum ( 3.6, AVDD + 0.3V)
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg
Storage temperature range
–65 to 150
°C
Lead temperature 1,6 mm (1/16") from the case for 10 seconds
220
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com