Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS6223 Datasheet HTML 35Page - Texas Instruments ADS6223 Datasheet HTML 36Page - Texas Instruments ADS6223 Datasheet HTML 37Page - Texas Instruments ADS6223 Datasheet HTML 38Page - Texas Instruments ADS6223 Datasheet HTML 39Page - Texas Instruments ADS6223 Datasheet HTML 40Page - Texas Instruments ADS6223 Datasheet HTML 41Page - Texas Instruments ADS6223 Datasheet HTML 42Page - Texas Instruments ADS6223 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
www.ti.com
Contour Plots Across Input and Sampling Frequencies
10
50
100
150
f -InputFrequency-MHz
IN
SFDR-dBc
200
250
300
400
450
350
500
30
40
50
100
60
70
80
90
105
60
65
85
M0049-10
87
87
87
81
81
84
84
84
84
84
84
84
84
78
78
75
75
75
78
72
72
72
69
66
66
63
66
69
69
90
90
93
70
75
80
90
95
96
10
50
100
150
f -InputFrequency-MHz
IN
SFDR-dBc
200
250
300
400
450
350
500
30
40
50
100
60
70
80
90
105
65
85
M0049-11
86
86
86
92
92
92
92
89
89
83
83
83
83
83
89
89
80
80
80
80
77
77
74
74
74
74
71
71
71
68
68
68
77
77
80
95
95
95
95
95
98
70
75
80
90
95
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
Figure 75. SFDR Contour (no gain)
Figure 76. SFDR Contour (3.5 dB coarse gain)
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com