Electronic Components Datasheet Search
  English  ▼

X  

ADS6223 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS6223
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6223 Datasheet(HTML) 2 Page - Texas Instruments

  ADS6223 Datasheet HTML 1Page - Texas Instruments ADS6223 Datasheet HTML 2Page - Texas Instruments ADS6223 Datasheet HTML 3Page - Texas Instruments ADS6223 Datasheet HTML 4Page - Texas Instruments ADS6223 Datasheet HTML 5Page - Texas Instruments ADS6223 Datasheet HTML 6Page - Texas Instruments ADS6223 Datasheet HTML 7Page - Texas Instruments ADS6223 Datasheet HTML 8Page - Texas Instruments ADS6223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
Reference
INA_P
INA_M
CLKP
CLKM
VCM
DCLKP
DCLKM
ADS622x
SHA
FCLKP
FCLKM
INB_P
INB_M
SHA
PLL
BIT Clock
FRAME Clock
DA0_P
DA1_P
DA0_M
DA1_M
DB0_P
DB1_P
DB0_M
DB1_M
Serial
Interface
Parallel
Interface
12-Bit
ADC
12-Bit
ADC
Digital
Encoder
and
Serializer
Digital
Encoder
and
Serializer
B0199-06
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The ADC channel outputs can be transmitted either as MSB or LSB first and 2s complement or straight binary.
ADS622X has internal references, but can also support an external reference mode. The device is specified over
the industrial temperature range (–40
°C to 85°C).
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com