Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 18 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 14Page - Texas Instruments TSC2005 Datasheet HTML 15Page - Texas Instruments TSC2005 Datasheet HTML 16Page - Texas Instruments TSC2005 Datasheet HTML 17Page - Texas Instruments TSC2005 Datasheet HTML 18Page - Texas Instruments TSC2005 Datasheet HTML 19Page - Texas Instruments TSC2005 Datasheet HTML 20Page - Texas Instruments TSC2005 Datasheet HTML 21Page - Texas Instruments TSC2005 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
www.ti.com
N Acquired
Data
W
N
N m asu
e
rementsinput
intotemporaryarray
Sortby
descendingorder
Averagingoutp t
u
fromwindowW
N
M=1
M>1andW=1
M
N
Median value
fromarrayM
N
M>1andW>1
Averagingoutp t
u
fromwindowW
M
W
Zone Detection
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
NOTE: The default setting for MAVF is MVF (median value filter with averaging bypassed) for any invalid
configuration. For example, if (M1, M0, W1, W0) = (1,0,1,0), the MAVF performs as it was configured for
(1,0,0,0), median filter only with filter size = 7 and no averaging. The only exception is M > 1 and (W1, W0) =
(1,1). This setting is reserved and should not be used.
Table 3. Combined MAV Filter Setting
M
W
INTERPRETATION
N =
OUTPUT
= 1
= 1
Bypass both MAF and AVF
W
The converted result
= 1
> 1
Bypass MVF only
W
Average of W converted results
> 1
= 1
Bypass AVF only
M
Median of M converted results
Average of middle W of M converted results with the median
> 1
> 1
M > W
M
counted twice
The MAV filter is available for all analog inputs including the touch screen inputs, temperature measurements
TEMP1 and TEMP2, and the AUX measurement.
Figure 27. MAV Filter Operation (patent pending)
The Zone Detection unit is capable of screening all processed data from the MAVF and retaining only the data of
interest (data that fit the prerequisite). This unit can be programmed to send an alert if a predefined condition set
by two threshold value registers is met. Three different zones may be set:
1. Above the upper limit (X
≥ Threshold High)
2. Between the two thresholds (Threshold Low < X < Threshold High)
3. Below the lower limit (X
≤ Threshold Low)
The AUX and temperatures TEMP1 and TEMP2 have separate threshold value registers that can be enabled or
disabled. This function is not available to the touch screen inputs. Once the preset condition is met, the DAV
output to the PINTDAV pin is pulled low and the corresponding DAV bit is set.
18
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com