Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 23 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 19Page - Texas Instruments TSC2005 Datasheet HTML 20Page - Texas Instruments TSC2005 Datasheet HTML 21Page - Texas Instruments TSC2005 Datasheet HTML 22Page - Texas Instruments TSC2005 Datasheet HTML 23Page - Texas Instruments TSC2005 Datasheet HTML 24Page - Texas Instruments TSC2005 Datasheet HTML 25Page - Texas Instruments TSC2005 Datasheet HTML 26Page - Texas Instruments TSC2005 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
www.ti.com
REGISTER ACCESS (Control Byte 0 with R/W Bit)
ReadRegisterViaControlByte0
SCLK
SDI
(MOSI)
SDO
(MISO)
MSB
MSB
LSB
Hi-Z
Hi-Z
L B
S
D7
0
A3
A2
A1
A0
1
0
D15
D14
D13
D9
D8
D4
D0
D6
D5
D4
D3
D2
D1
D0
6
5
4
3
2
1
1
3
8
7
2
16
15
8
7
CS
(
)
SS
D5
11
D1
WritetoRegisterViaControlByte0
SCLK
SDI
(MOSI)
SDO
(MISO)
MSB
LSB
Hi-Z
D7
0
A3
A2
A1
A0
0
D6
D5
D4
D3
D2
D1
D0
6
5
4
3
2
1
1
3
8
7
2
16
15
8
7
CS
(
)
SS
11
MSB
L B
S
D15
D14
D13
D9
D8
D4
D0
D5
D1
12
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
Control byte 0, beginning with D7 = 0, is used to access the internal registers. This control byte uses the last bit,
D0, to control the flow of data. If D0 is '1', then the content of the register pointed by the address bits (A3-A0) is
output to SDO (MISO) in the next cycle. Otherwise, the data coming from SDI (MOSI) are written to the register
properly pointed to by the address bits in the control byte (if the write mode is available for the pointed register).
After Control Byte 0 with Read/Write Bit followed by a 16-bit word on SDO/SDI completes, the master can hold
CS low to send another Control Byte 0 with Read/Write Bit followed by a 16-bit word on SDO/SDI as many times
as the master is able to operate.
Figure 29. Interface Timing — Sending Control Byte 0 with Read Bit
Figure 30. Interface Timing — Sending Control Byte 0 with Write Bit
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com