Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 37 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 33Page - Texas Instruments TSC2005 Datasheet HTML 34Page - Texas Instruments TSC2005 Datasheet HTML 35Page - Texas Instruments TSC2005 Datasheet HTML 36Page - Texas Instruments TSC2005 Datasheet HTML 37Page - Texas Instruments TSC2005 Datasheet HTML 38Page - Texas Instruments TSC2005 Datasheet HTML 39Page - Texas Instruments TSC2005 Datasheet HTML 40Page - Texas Instruments TSC2005 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
www.ti.com
t
COORDINATE
+
OH2
f
OSC
) tPRE)tSNS)
OH
DLY2
f
OSC
)N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(9)
NOTE:(1)Optional.Ifnotturnedon,itwillbeturnedonbytheScanmode,oncedetected.
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2D[15:14]=00
PENIRQ
DAV
Programmed
for
Host-Controlled
Mode
(PSM=0)
CS
Deactivated
Z
Scan
Mode
Reading
Z -Data
Register
1
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
Reading
Z -Data
Register
2
CS
Deactivated
CS
Deactivated
Detecting
Touch
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
t
COORDINATE
TurnOn
Y+
and
X
Drivers
-
(1)
Programmedfor:
Sample,Conversion,
andPreprocessing
forZ Coordinate
1
Sample,Conversion,
andPreprocessing
forZ Coordinate
2
t
COORDINATE
+
OH2
f
OSC
) tPVS)tPRE)tSNS)
OH
DLY1
f
OSC
)N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(10)
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2D[15:14]=00
PENIRQ
DAV
Programmedfor
Host-Controlled
Mode
(PSM=0)
CS
Deactivated
P ogra
r
mm d
for
Z -Z
ScanMode
e
1
2
Reading
Z -Data
Register
1
WaitingforHosttoWrite
IntoControlByte1D[6:3]
Sample,Conversion,and
PreprocessingforZ ,Z Coordinates
1
2
TouchisStillHere
Reading
Z -Data
Register
2
CS
Deactivated
CS
Deactivated
Detecting
Touch
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
t
COORDINATE
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
The time needed to convert any Z1 and Z2 coordinate under host control (not including the time needed to send
the command over the SPI bus) is given by:
Figure 36. Example of Z1 and Z2 Coordinate Touch Screen Scan
(without Panel Stabilization Time) using TSMode 3
If the drivers are not turned on befire the touch screen mode is programmed, the panel stabilization time should
be included. In this case, the time needed to convert an single X or Y under host control (not including the time
needed to send the command over the SPI bus) is given by:
Figure 37. Example of a Z1 and Z2 Coordinate Touch Screen Scan
(with Panel Stabilization Time) using TSMode 3
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com