Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 25 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 21Page - Texas Instruments TSC2005 Datasheet HTML 22Page - Texas Instruments TSC2005 Datasheet HTML 23Page - Texas Instruments TSC2005 Datasheet HTML 24Page - Texas Instruments TSC2005 Datasheet HTML 25Page - Texas Instruments TSC2005 Datasheet HTML 26Page - Texas Instruments TSC2005 Datasheet HTML 27Page - Texas Instruments TSC2005 Datasheet HTML 28Page - Texas Instruments TSC2005 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
www.ti.com
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
CL1, CL0—Conversion clock control. These two bits specify the clock rate that the A/D converter uses to
perform conversion, as shown in Table 15. These bits are the same whether reading or writing.
Table 15. A/D Converter Conversion Clock Control
CL1
CL0
FUNCTION
0
0
fADC = fOSC/1. This is referred to as the 4MHz A/D converter clock rate, 10-bit resolution only.
0
1
fADC = fOSC/2. This is referred to as the 2MHz A/D converter clock rate.
1
0
fADC = fOSC/4. This is referred to as the 1MHz A/D converter clock rate.
1
1
Reserved
PV2-PV0—Panel voltage stabilization time control. These bits specify a delay time from the moment the touch
screen drivers are enabled to the time the voltage is sampled and a conversion is started. These bits allow the
user to adjust the appropriate settling time for the touch panel and external capacitances. See Table 16 for
settings of these bits. The default state is 000, indicating a 0
µs stabilization time. These bits are the same
whether reading or writing.
Table 16. Panel Voltage Stabilization Time Control
PV2
PV1
PV0
STABILIZATION TIME (tPVS)
0
0
0
0
µs
0
0
1
100
µs
0
1
0
500
µs
0
1
1
1ms
1
0
0
5ms
1
0
1
10ms
1
1
0
50ms
1
1
1
100ms
PR2-PR0—Precharge time selection. These bits set the amount of time allowed for precharging any pin
capacitance on the touch screen prior to sensing if a pen touch is happening.
Table 17. Precharge Time Selection
PR2
PR1
PR0
PRECHARGE TIME(tPRE)
0
0
0
20
µs
0
0
1
84
µs
0
1
0
276
µs
0
1
1
340
µs
1
0
0
1.044ms
1
0
1
1.108ms
1
1
0
1.300ms
1
1
1
1.364ms
SNS2-SNS0—Sense time selection. These bits set the amount of time the TSC2005 waits to sense whether the
screen is touched after converting a coordinate.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com