Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 41 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 37Page - Texas Instruments TSC2005 Datasheet HTML 38Page - Texas Instruments TSC2005 Datasheet HTML 39Page - Texas Instruments TSC2005 Datasheet HTML 40Page - Texas Instruments TSC2005 Datasheet HTML 41Page - Texas Instruments TSC2005 Datasheet HTML 42Page - Texas Instruments TSC2005 Datasheet HTML 43Page - Texas Instruments TSC2005 Datasheet HTML 44Page - Texas Instruments TSC2005 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
www.ti.com
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (December 2007) to Revision C ........................................................................................... Page
• Changed resistance ratio from 80 to 91 .............................................................................................................................. 13
• Changed resistance ratio from 80 to 91 .............................................................................................................................. 13
• Changed T factor from 2.648 to 2.573 ................................................................................................................................ 13
• Swapped funtion text of 1011 with 1100 in Table 7............................................................................................................. 20
• Changed "Y-axis" to "X-axis" in 1011 function text in Table 7............................................................................................. 20
• Swapped text from C3-C0 = 1011 with text from 1011........................................................................................................ 21
• Changed "Y-axis" to "X-axis" in C3-C0 = 1011 text............................................................................................................. 21
Changes from Revision A (May, 2007) to Revision B ..................................................................................................... Page
• Changed ADC to A/D converter throughout document ......................................................................................................... 1
• Changed 51kΩ to 50kΩ throughout document except in the Electrical Characteristic table................................................. 1
• Changed Power-Supply Requirements section of Electrical Characteristic table ................................................................. 3
• Changed Power-down supply current condtion, and typical value from 0 to 0.023 .............................................................. 3
• Changed Pin Assignments table............................................................................................................................................ 5
• Changed first five rows of Timing Requirements table .......................................................................................................... 6
• Changed Figure 4 .................................................................................................................................................................. 7
• Added Figure 5 ..................................................................................................................................................................... 7
• Changed LSM paragraph..................................................................................................................................................... 26
• Changed CFN15-CFN0 paragraph...................................................................................................................................... 29
• Added note to Figure 31 ...................................................................................................................................................... 31
• Changed Equation 8; moved paren. .................................................................................................................................... 36
• Changed Equation 9; moved paren. .................................................................................................................................... 37
• Changed Equation 10; moved paren. .................................................................................................................................. 37
• Changed Equation 11; moved paren. .................................................................................................................................. 38
• Changed Equation 12; moved paren. .................................................................................................................................. 39
• Changed Equation 13; moved paren. .................................................................................................................................. 39
• Changed Layout section ...................................................................................................................................................... 40
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com