Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 35 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 31Page - Texas Instruments TSC2005 Datasheet HTML 32Page - Texas Instruments TSC2005 Datasheet HTML 33Page - Texas Instruments TSC2005 Datasheet HTML 34Page - Texas Instruments TSC2005 Datasheet HTML 35Page - Texas Instruments TSC2005 Datasheet HTML 36Page - Texas Instruments TSC2005 Datasheet HTML 37Page - Texas Instruments TSC2005 Datasheet HTML 38Page - Texas Instruments TSC2005 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
www.ti.com
Conversion Controlled by TSC2005 Initiated by Host (TSMode 2)
t
COORDINATE
+
OH1
f
OSC
)2 @ tPVS)tPRE)tSNS)
OH
DLY1
f
OSC
)2 @ N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(7)
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
Programmed
for
Host-
Controlled
Mode
(PSM=0)
CS
Deactivated
P ogra
r
mm d
for
X-Y
ScanMode
e
Reading
X-Data
Register
WaitingforHostto
WriteInto
ControlByte1D[6:3]
Sample,Conversion,
andPreprocessingfor
YCoordinate
TouchisStillHere
Reading
Y-Data
Register
CS
Deactivated
CS
Deactivated
Detecting
Touch
TouchisDetected
TouchisDetected
Sample,Conversion,
andPreprocessingfor
XCoordinate
Detecting
Touch
Sample,Conversion,
andPreprocessingfor
YCoordinate
Detecting
Touch
t
COORDINATE
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
In TSMode 2, the TSC2005 detects when the touch panel is touched and causes the internal Pen-Touch signal
to activate, which lowers the PINTDAV output if it is programmed as PENIRQ. The host recognizes the interrupt
request, and then writes to the A/D Converter Control register to select one of the two touch screen scan
functions:
1. X-Y-Z Scan (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0000); or
2. X-Y Scan (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0001).
See Table 7 for more information on the converter function select bits.
The conversion process then as shown in Figure 34; see previous sections for more details.
The main difference between this mode and the previous mode is that the host, not the TSC2005, decides when
the touch screen scan begins.
The time needed to convert both X and Y coordinates under host control (not including the time needed to send
the command over the SPI bus) is given by:
Figure 34. Example of an X and Y Coordinate Touch Screen Scan using TSMode 2
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com