Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 4 Page - Texas Instruments

  TSC2005 Datasheet HTML 1Page - Texas Instruments TSC2005 Datasheet HTML 2Page - Texas Instruments TSC2005 Datasheet HTML 3Page - Texas Instruments TSC2005 Datasheet HTML 4Page - Texas Instruments TSC2005 Datasheet HTML 5Page - Texas Instruments TSC2005 Datasheet HTML 6Page - Texas Instruments TSC2005 Datasheet HTML 7Page - Texas Instruments TSC2005 Datasheet HTML 8Page - Texas Instruments TSC2005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
www.ti.com
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.6V to +3.6V, I/OVDD = +1.2V to +3.6V, unless otherwise noted.
TSC2005
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
CMOS
1.2V
≤ I/OVDD < 1.6V
0.7
× I/OVDD
I/OVDD + 0.3
V
VIH
1.6V
≤ I/OVDD ≤ 3.6V
0.7
× I/OVDD
I/OVDD + 0.3
V
1.2V
≤ I/OVDD < 1.6V
–0.3
0.2
× I/OVDD
V
VIL
1.6V
≤ I/OVDD ≤ 3.6V
–0.3
0.3
× I/OVDD
V
IIL
SCLK pin or CS pin
–1
1
µA
Logic level
CIN
10
pF
VOH
IOH = 2 TTL loads
I/OVDD – 0.2
I/OVDD
V
VOL
IOL = 2 TTL loads
0
0.2
V
ILEAK
Floating output
–1
1
µA
COUT
Floating output
10
pF
Data format
Straight Binary
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
SNSVDD(5)
Specified performance
1.6
3.6
V
I/OVDD(6)
1.2
SNSVDD
V
TA = +25°C, filter on, M = 15,
W = 7, PSM = 1, C[3:0] =
(0,0,0,0), RM = 1, CL[1:0] =
(0,1), BTD[2:0] = (1,0,1),
SNSVDD = I/OVDD = VREF = 1.6V
383
µA
50SSPS, MAVEX = MAVEY =
MAVEZ = 1, fADC = 2MHz,
fSCLK = 10MHz, sensor drivers
supply included
TA = +25°C, filter off, M = W =
1, PSM = 1, C[3:0] = (0,0,0,0),
RM = 1, CL[1:0] = (0,1),
MAVEX = MAVEY = MAVEZ
SNSVDD = I/OVDD = VREF = 1.6V
361
µA
= 1, fADC = 2MHz, fSCLK =
10MHz, sensor drivers supply
included
TA = +25°C, filter off, M = W =
1, C[3:0] = (0,1,0,1), RM = 1,
CL[1:0] = (0,1), non-cont AUX
SNSVDD = I/OVDD = VREF = 1.6V
481
µA
mode, fADC = 2MHz, fSCLK =
10MHz
Quiescent supply current(7)(8)
TA = +25°C, filter off, M = W =
1, C[3:0] = (0,1,0,1), RM = 1,
SNSVDD = 3V,
CL[1:0] = (0,1), non-cont AUX
943
µA
I/OVDD = VREF = 1.6V
mode, fADC = 2MHz, fSCLK =
10MHz
TA = +25°C, filter on, M = 7, W
= 3, C[3:0] = (0,1,0,1), RM =
1, CL[1:0] = (0,1), MAVEAUX
SNSVDD = I/OVDD = VREF = 1.6V,
= 1, non-cont AUX mode, fADC
522
µA
~13kSPS effective rate
= 2MHz, fSCLK = 3.5MHz, full
speed (91kSPS equivalent
rate)
TA = +25°C, filter on, M = 7, W
= 3, C[3:0] = (0,1,0,1), RM =
1, CL[1:0] = (0,1), MAVEAUX
SNSVDD = I/OVDD = VREF = 1.6V,
= 1, non-cont AUX mode, fADC
47
µA
~1.17kSPS effective rate
= 2MHz, fSCLK = 3.5MHz,
reduced speed (8.2kSPS
equivalent rate)
Power-down supply current
TA = +25°C, CS high, SCLK = 0, SNSVDD = I/OVDD = VREF = 1.6V
0.023
0.8
µA
(5)
TSC2005 functions down to 1.4V, typically.
(6)
I/OVDD must be
≤ SNSVDD.
(7)
Supply current from SNSVDD.
(8)
For detailed information on test condition parameter and bit setting, see the Digital Interface section.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com