Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 27 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 23Page - Texas Instruments TSC2005 Datasheet HTML 24Page - Texas Instruments TSC2005 Datasheet HTML 25Page - Texas Instruments TSC2005 Datasheet HTML 26Page - Texas Instruments TSC2005 Datasheet HTML 27Page - Texas Instruments TSC2005 Datasheet HTML 28Page - Texas Instruments TSC2005 Datasheet HTML 29Page - Texas Instruments TSC2005 Datasheet HTML 30Page - Texas Instruments TSC2005 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
www.ti.com
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
BTD2-BTD0—Batch Time Delay mode. These are the selection bits that specify the delay before a
sample/conversion scan cycle is triggered. When it is set, Batch Time Delay mode uses a set of timers to
automatically trigger a sequence of sample-and-conversion events. The mode works for both TSC-initiated scans
(XYZ or XY) and host-initiated scans (XYZ or XY).
A TSC-initiated scan (XYZ or XY) can be configured by setting the PSM bit in CFR0 to '1' and C[3:0] in Control
Byte 1 to '0000' or '0001'. In the case of a TSC-initiated scan (XYZ or XY), the sequence begins with the TSC
responding to a pen touch. After the first processed sample set completes during the batch delay, the scan
enters a wait mode until the end of the batch delay is reached. If a pen touch is still detected at that moment, the
scan continues to process the next sample set, and the batch delay is resumed. The throughput of the processed
sample sets (shown in Table 21 as sample sets per second, or SSPS) is regulated by the selected batch delay
during the time of the detected pen touch. A TSC-initiated scan (XYZ or XY) can be configured by setting the
PSM bit in CFR0 to '1' and C[3:0] in Control Byte 1 to '0000' or '0001'. Note that the throughput of the processed
sample set also depends on the settings of stabilization, precharge, and sense times, and the total number of
samples to be processed per coordinates. If the accrual time of these factors exceeds the batch delay time, the
accrual time dominates. Batch delay time starts when the pen touch initiates the scan function that converts
coordinates.
A host-initiated scan (XYZ or XY) can be configured by setting the PSM bit in CFR0 to '0' and C[3:0] in Control
Byte 1 to '0000' or '0001'. For the host-initiated scan (XYZ or XY), the host must set TSC internal register C[3:0]
in Control Byte 1 to '0000' or '0001' initially after a pen touch is detected; see Conversion Controlled by TSC2005
Initiated by Host (TSMode 2), in the Theory of Operation section. After the scan (XYZ or XY) is engaged, the
throughput of the processed sample sets is regulated by the selected batch delay timer, as long as the initial
detected touch is not interrupted.
Table 21. Touch Screen Throughput and Batch Selection Bits
BATCH DELAY SELECTION
THROUGHPUT FOR TSC-INITIATED
DELAY TIME
OR HOST-INITIATED SCAN, XYZ OR XY
BTD2
BTD1
BTD0
(ms)
(SSPS)
0
0
0
0
Normal operation throughput depends on settings.
0
0
1
1
1000
0
1
0
2
500
0
1
1
4
250
1
0
0
10
100
1
0
1
20
50
1
1
0
40
25
1
1
1
100
10
For example, if stabilization time, precharge time, and sense time are selected as 100
µs, 84µs, and 96µs,
respectively, and the batch delay time is 2ms, then the scan function enters wait mode after the first processed
sample set until the 2ms of batch delay time is reached. When the scan function starts to process the second
sample set (if the screen is still touched), the batch delay restarts at 2ms (in this example). This procedure
remains regulated by 2ms until the pen touch is not detected or the scan function is stopped by a stop bit or any
reset form.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com