Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 24 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 20Page - Texas Instruments TSC2005 Datasheet HTML 21Page - Texas Instruments TSC2005 Datasheet HTML 22Page - Texas Instruments TSC2005 Datasheet HTML 23Page - Texas Instruments TSC2005 Datasheet HTML 24Page - Texas Instruments TSC2005 Datasheet HTML 25Page - Texas Instruments TSC2005 Datasheet HTML 26Page - Texas Instruments TSC2005 Datasheet HTML 27Page - Texas Instruments TSC2005 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
www.ti.com
COMMUNICATION PROTOCOL
Configuration Register 0
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
The TSC2005 is controlled entirely by registers. Reading and writing to these registers are accomplished by the
use of Control Byte 0, which includes a 4-bit address plus one read/write TSC register control bit. The data
registers defined in Table 10 are all 16-bit, right-adjusted. NOTE: Except for some configuration registers and the
Status register that are full 16-bit registers, the value registers are 12-bit (or 10-bit) data preceded by four (or six)
zeros.
Table 11. Configuration Register 0 (Reset Value = 4000h for Read; 0000h for Write)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
PSM
STS
RM
CL1
CL0
PV2
PV1
PV0
PR2
PR1
PR0
SN2
SN1
SN0
DTW
LSM
PSM—Pen status/control mode. Reading this bit allows the host to determine if the screen is touched. Writing to
this bit selects the mode used to control the flow of converter functions that are either initiated and/or controlled
by host or under control of the TSC2005 responding to a pen touch. When reading, the PSM bit indicates if the
pen is down or not. When writing to this register, this bit determines if the TSC2005 controls the converter
functions, or if the converter functions are host-controlled. The default state is the host-controlled converter
function mode (0). The other state (1) is the TSC-initiated scan function mode that must only collaborate with
C3-C0 = 0000 or 0001 in order to allow the TSC2005 to initiate and control the scan function for XYZ or XY when
a pen touch is detected.
Table 12. PSM Bit Operation
OPERATION
VALUE
DESCRIPTION
Read
0
No screen touch detected
Read
1
Screen touch detected
Write
0
Converter functions initiated and/or controlled by host
Write
1
Converter functions initiated and controlled by the TSC2005
STS—A/D converter status. When reading, this bit indicates if the converter is busy or not busy. Continuous
scans or conversions can be stopped by writing a '1' to this bit, immediately aborting the running converter
function (even if the pen is still down) and causing the A/D converter to power down. The default state for write is
0 (normal operation), and the default state for read is 1 (converter is not busy). NOTE: The same bit can be
written through Control Byte 1.
Table 13. STS Bit Operation
OPERATION
VALUE
DESCRIPTION
Read
0
Converter is busy
Read
1
Converter is not busy
Write
0
Normal operation
Write
1
Stop converter function and power down
RM—Resolution control. The A/D converter resolution is specified with this bit. See Table 14 for a description of
these bits. This bit is the same whether reading or writing, and defaults to 0. Note that the same bit can be
written through Control Byte 1.
Table 14. A/D Converter Resolution Control
RM
FUNCTION
0
10-bit resolution. Power-up and reset default.
1
12-bit resolution
24
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com