Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 36 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 32Page - Texas Instruments TSC2005 Datasheet HTML 33Page - Texas Instruments TSC2005 Datasheet HTML 34Page - Texas Instruments TSC2005 Datasheet HTML 35Page - Texas Instruments TSC2005 Datasheet HTML 36Page - Texas Instruments TSC2005 Datasheet HTML 37Page - Texas Instruments TSC2005 Datasheet HTML 38Page - Texas Instruments TSC2005 Datasheet HTML 39Page - Texas Instruments TSC2005 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
www.ti.com
Conversion Controlled by Host (TSMode 3)
t
COORDINATE
+
OH1
f
OSC
) tPRE)tSNS)
OH
DLY2
f
OSC
)N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(8)
Programmed
forHost-
Controlled
Mode
(PSM=0)
CS
Deactivated
X
Scan
Mode
Programmedfor:
TurnOn
X+and
X
Drivers
-
(1)
Reading
Y-Data
Register
TouchisDetected
CS
Deactivated
NOTE:(1)Optional.Ifnotturnedon,itwillbeturnedonbytheScanmode,oncedetected.
Y
Scan
Mode
Programmedfor:
TurnOn
Y+and
Y
Drivers
-
(1)
Reading
X-Data
Register
CS
Deactivated
CS
Deactivated
Detecting
Touch
WaitingforHosttoWriteInto
ControlByte1D[6:3]
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
TouchisDetected
TouchisDetected
Sample,Conversion,
andPreprocessing
forXCoordinate
Detecting
Touch
Sample,Conversion,
andPreprocessing
forYCoordinate
Detecting
Touch
WaitingforHostto
WriteIntoControl
Byte1D[6:3]
WaitingforHosttoWriteInto
ControlByte1D[6:3]
t
COORDINATE
t
COORDINATE
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
In TSMode 3, the TSC2005 detects when the touch panel is touched and causes the internal Pen-Touch signal
to be active, which lowers the PINTDAV output if it is programmed as PENIRQ. The host recognizes the interrupt
request. Instead of starting a sequence in the TSC2005, which then reads each coordinate in turn, the host must
now control all aspects of the conversion. Generally, upon receiving the interrupt request, the host turns on the X
drivers. (NOTE: If drivers are not turned on, the device detects this condition and turns them on before the scan
starts. This situation is why the event of turn on drivers is shown as optional in Figure 35 and Figure 36.) After
waiting for the settling time, the host then addresses the TSC2005 again, this time requesting an X coordinate
conversion.
The process is then repeated for the Y and Z coordinates. The processes are outlined in Figure 35 and
Figure 36. Figure 35 shows two consecutive scans on X and Y. Figure 36 shows a single Z scan.
The time needed to convert any single coordinate X or Y under host control (not including the time needed to
send the command over the SPI bus) is given by:
Where:
OHDLY2 = total overhead time for tPRE and tSNS = 6 internal clock cycles.
Figure 35. Example of X and Y Coordinate Touch Screen Scan using TSMode 3
36
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com