Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 6 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 2Page - Texas Instruments TSC2005 Datasheet HTML 3Page - Texas Instruments TSC2005 Datasheet HTML 4Page - Texas Instruments TSC2005 Datasheet HTML 5Page - Texas Instruments TSC2005 Datasheet HTML 6Page - Texas Instruments TSC2005 Datasheet HTML 7Page - Texas Instruments TSC2005 Datasheet HTML 8Page - Texas Instruments TSC2005 Datasheet HTML 9Page - Texas Instruments TSC2005 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
www.ti.com
TIMING INFORMATION
BIT0
t
DIS(CSR-SDOZ)
t
H(SDI-SCLKR)
NOTE: CPOL=0,CPHA=0,Byte0cyclerequires24SCLKs,andByte1cyclerequireseightSCLKs.
t
H(SCLKF-SDOVALID)
t
SU(SDI-SCLKR)
t
D(CSF-SDOVALID)
t
SU(SCLKF-CSR)
t
WH(CS)
t
C(SCLK)
t
SU(CSF-SCLK1R)
t
F
t
R
t
WL(SCLK)
t
WH(SCLK)
BIT1
MSBIN
MSBOUT
CS SS
(
)
SCLK
SDO(MISO)
SDI(MOSI)
BIT0
BIT1
TIMING REQUIREMENTS
(1)
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
The TSC2005 supports SPI programming in mode CPOL = 0 and CPHA = 0. The falling edge of SCLK is used to
change output (MISO) data and the rising edge is used to latch input (MOSI) data. Eight SCLKs are required to
complete the Byte 1 command cycle, and 24 SCLKs are required for the Byte 0 command cycle. CS can stay low
during the entire 24 SCLKs of a Byte 0 command cycle, or multiple mixed cycles of reading and writing of bytes
and register accesses, as long as the corresponding addresses are supplied.
Figure 1. Detailed I/O Timing
All specifications typical at –40
°C to +85°C, SNSVDD = I/OVDD = 1.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tWL(RESET)
(2)
Reset low time
SNSVDD
≥ 1.6V
10
µs
SNSVDD = I/OVDD
≥ 1.6V and < 2.7V,
100
ns
40% to 60% duty cycle
tC(SCLK)
SPI serial clock cycle time
SNSVDD = I/OVDD
≥ 2.7V and ≤ 3.6V,
40
ns
40% to 60% duty cycle
SNSVDD = I/OVDD
≥ 1.6V and < 2.7V,
10
MHz
10pF load
fSCLK
SPI serial clock frequency
SNSVDD = I/OVDD
≥ 2.7V and ≤ 3.6V,
25
MHz
10pF load
tWH(SCLK)
SPI serial clock high time
0.4
× t
C(SCLK)
0.6
× t
C(SCLK)
ns
tWL(SCLK)
SPI serial clock low time
0.4
× t
C(SCLK)
0.6
× t
C(SCLK)
ns
tSU(CSF-SCLK1R)
Enable lead time
30
ns
tD(CSF-SDOVALID)
Slave access time
15
ns
tH(SCLKF-SDOVALID)
MISO data hold time
6
13
ns
tWH(CS)
Sequential transfer delay
15
ns
tSU(SDI-SCLKR)
MOSI data setup time
4
ns
tH(SDI-SCLKR)
MOSI data hold time
4
ns
tDIS(CSR-SDOZ)
Slave MISO disable time
15
ns
tSU(SCLKF-CSR)
Enable lag time
30
ns
tR
Rise time
SNSVDD = I/OVDD = 3V, fSCLK = 25MHz
3
ns
tF
Fall time
SNSVDD = I/OVDD = 3V, fSCLK = 25MHz
3
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of I/OVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Refer to Figure 31.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com