Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 19 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 15Page - Texas Instruments TSC2005 Datasheet HTML 16Page - Texas Instruments TSC2005 Datasheet HTML 17Page - Texas Instruments TSC2005 Datasheet HTML 18Page - Texas Instruments TSC2005 Datasheet HTML 19Page - Texas Instruments TSC2005 Datasheet HTML 20Page - Texas Instruments TSC2005 Datasheet HTML 21Page - Texas Instruments TSC2005 Datasheet HTML 22Page - Texas Instruments TSC2005 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
www.ti.com
DIGITAL INTERFACE
CONTROL BYTE
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
The TSC2005 communicates through a standard SPI bus. The SPI allows full-duplex, synchronous, serial
communication between a host processor (the master) and peripheral devices (slaves). The SPI master
generates the synchronizing clock and initiates transmissions. The SPI slave devices depend on a master to start
and synchronize transmissions.
A transmission begins when initiated by a master SPI. The byte from the master SPI begins shifting in on the
slave SDI (MOSI—master out, slave in) pin under the control of the master serial clock. As the byte shifts in on
the SDI (MOSI) pin, a byte shifts out on the SDO (MISO—master in, slave out) pin to the master shift register.
The idle state of the TSC2005 serial clock is logic low, which corresponds to a clock polarity setting of 0 (typical
microprocessor SPI control bit CPOL = 0). The TSC2005 interface is designed so that with a clock phase bit
setting of 0 (typical microprocessor SPI control bit CPHA = 0), the master begins driving its MOSI pin and the
slave begins driving its MISO pin half an SCLK before the first serial clock edge. The CS (SS, slave select) pin
can remain low between transmissions.
Table 4. Standard SPI Signal Names vs Common Serial Interface Signal Names
SPI SIGNAL NAMES
COMMON SERIAL INTERFACE NAMES
SS (Slave Select)
CS (Chip Select)
MISO (Master In Slave Out)
SDO (Serial Data Out)
MOSI (Master Out Slave In)
SDI (Serial Data In)
Table 5. Control Byte Format:
Start a Conversion and Mode Setting
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
1
C3
C2
C1
C0
RM
SWRST
STS
(Control Byte 1)
0
Reserved
A3
A2
A1
A0
PND0
R/W
(Control Byte 0)
(Write '0')
Table 6. Control Byte 1 Bit Register Description (D7 = 1)
BIT
NAME
DESCRIPTION
D7
Control Byte ID
1
D6-D3
C3-C0
Converter Function Select as detailed in Table 7
0: 10 Bit
D2
RM
1: 12 Bit
Software Reset
D1
SWRST
1: Reset all register values to default
D0
STS
Stop bit for all converter functions
Bit D7: Control Byte ID
1: Control Byte 1 (start conversion and channel select and conversion-related configuration).
0: Control Byte 0 (read/write data registers and non-conversion-related controls).
Bits D6-D3: C3-C0
Converter function select bits. These bits select the input to be converted, and the converter function to be
executed. Table 7 lists the possible converter functions.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com