Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2005 Datasheet HTML 1Page - Texas Instruments TSC2005 Datasheet HTML 2Page - Texas Instruments TSC2005 Datasheet HTML 3Page - Texas Instruments TSC2005 Datasheet HTML 4Page - Texas Instruments TSC2005 Datasheet HTML 5Page - Texas Instruments TSC2005 Datasheet HTML 6Page - Texas Instruments TSC2005 Datasheet HTML 7Page - Texas Instruments TSC2005 Datasheet HTML 8Page - Texas Instruments TSC2005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PINTDAV
SPI
Serial
Interface
and
Control
CS
SCLK
SDI
RESET
SDO
VREF
X+
X
-
Y+
Y
-
AUX
TEMP
Mux
PENIRQ
DAV
SAR
ADC
Internal
Clock
Touch
Screen
Drivers
Interface
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire
TOUCH SCREEN CONTROLLER with SPI™ Interface
• Personal Digital Assistants
23
• 4-Wire Touch Screen Interface
• Cellular Phones
• Ratiometric Conversion
• Portable Instruments
• Single 1.6V to 3.6V Supply
• Point-of-Sale Terminals
• Preprocessing to Reduce Bus Activity
• MP3 Players, Pagers
• High-Speed SPI-Compatible Interface
• Multiscreen Touch Control
• Internal Detection of Screen Touch
• Register-Based Programmable:
–
10-Bit or 12-Bit Resolution
The TSC2005 is a very low-power touch screen
–
Sampling Rates
controller designed to work with power-sensitive,
handheld applications that are based on an advanced
–
System Timing
low-voltage processor. It works with a supply voltage
• On-Chip Temperature Measurement
as low as 1.6V, which can be supplied by a
• Touch Pressure Measurement
single-cell
battery.
It
contains
a
complete,
• Auto Power-Down Control
ultralow-power, 12-bit, analog-to-digital (A/D) resistive
touch screen converter, including drivers and the
• Low Power:
control logic to measure touch pressure.
–
800
µW at 1.8V, 50SSPS
In addition to these standard features, the TSC2005
–
600
µW at 1.6V, 50SSPS
offers
preprocessing
of
the
touch
screen
–
75
µW at 1.6V, 8.2kSPS Eq. Rate
measurements to reduce bus loading, thus reducing
• Enhanced ESD Protection:
the consumption of host processor resources that can
then be redirected to more critical functions.
–
±6kV HBM
The TSC2005 supports an SPI-compatible serial bus
–
±1kV CDM
up to 25MHz. It offers programmable resolution of 10
–
±25kV Air Gap Discharge
or 12 bits to accommodate different screen sizes and
–
±12kV Contact Discharge
performance needs.
• 2.5 x 3 WCSP-18 Package
The TSC2005 is available in a miniature 18-lead,
U.S. Patent NO. 6246394; other patents pending.
5 x 6 array, 2.608 x 3.108 mm wafer chip-scale
package (WCSP). The device is characterized for the
–40
°C to +85°C industrial temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSC2005

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005 BURR-BROWN-TSC2005 Datasheet
768Kb / 44P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005I BURR-BROWN-TSC2005I Datasheet
796Kb / 42P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005I BURR-BROWN-TSC2005I Datasheet
768Kb / 44P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005IYZLR BURR-BROWN-TSC2005IYZLR Datasheet
796Kb / 42P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
More results

Similar Description - TSC2005

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com