Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 40 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 36Page - Texas Instruments TSC2005 Datasheet HTML 37Page - Texas Instruments TSC2005 Datasheet HTML 38Page - Texas Instruments TSC2005 Datasheet HTML 39Page - Texas Instruments TSC2005 Datasheet HTML 40Page - Texas Instruments TSC2005 Datasheet HTML 41Page - Texas Instruments TSC2005 Datasheet HTML 42Page - Texas Instruments TSC2005 Datasheet HTML 43Page - Texas Instruments TSC2005 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
www.ti.com
LAYOUT
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
The following layout suggestions should obtain optimum performance from the TSC2005. However, many
portable applications have conflicting requirements for power, cost, size, and weight. In general, most portable
devices have fairly clean power and grounds because most of the internal components are very low power. This
situation would mean less bypassing for the converter power and less concern regarding grounding. Still, each
application is unique and the following suggestions should be reviewed carefully.
For optimum performance, care should be taken with the physical layout of the TSC2005 circuitry. The basic
SAR architecture is sensitive to glitches or sudden changes on the power supply, reference, ground connections,
and digital inputs that occur just prior to latching the output of the analog comparator. Therefore, during any
single conversion for an n-bit SAR converter, there are n windows in which large external transient voltages can
easily affect the conversion result. Such glitches might originate from switching power supplies, nearby digital
logic, and high power devices. The degree of error in the digital output depends on the reference voltage, layout,
and the exact timing of the external event. The error can change if the external event changes in time with
respect to the SCLK input.
With this in mind, power to the TSC2005 should be clean and well-bypassed. A 0.1
µF ceramic bypass capacitor
should be added between (SNSVDD to AGND and SNSGND) or (I/OVDD to DGND). A 0.1
µF decoupling
capacitor between VREF to AGND is also needed unless the SNSVDD is used as a reference input and is
connected to VREF. These capacitors must be placed as close to the device as possible. A 1
µF to 10µF
capacitor may also be needed if the impedance of the connection between SNSVDD and the power supply is
high. The I/OVDD must be shorted to the same supply plane as the SNSVDD. Short both SNSVDD and I/OVDD
to the analog VDD plane.
The A/D converter architecture offers no inherent rejection of noise or voltage variation in regards to using an
external reference input, which is of particular concern when the reference input is tied to the power supply for
auxiliary input and temperature measurements. Any noise and ripple from the supply appears directly in the
digital results. While high-frequency noise can be filtered out by the built-in MAV filter, voltage variation due to
line frequency (50Hz or 60Hz) can be difficult to remove. Some package options have pins labeled as NC (no
connection). It is recommended that these NC pins be connected to the ground plane. Avoid any active trace
going under the analog pins listed in the Pin Assignments table, unless they are shielded by a ground or power
plane.
All GND (AGND, DGND, SUBGND and SNSGND) pins should be connected to a clean ground point. In many
cases, this point is the analog ground. Avoid connections that are too near the grounding point of a
microcontroller or digital signal processor. If needed, run a ground trace directly from the converter to the
power-supply entry or battery connection point. The ideal layout includes an analog ground plane dedicated to
the converter and associated analog circuitry.
In the specific case of use with a resistive touch screen, care should be taken with the connection between the
converter and the touch screen. Since resistive touch screens have fairly low resistance, the interconnection
should be as short and robust as possible. Loose connections can be a source of error when the contact
resistance changes with flexing or vibrations.
As indicated previously, noise can be a major source of error in touch-screen applications (for example,
applications that require a back-lit LCD panel). This electromagnetic interfence (EMI) noise can be coupled
through the LCD panel to the touch screen and cause flickering of the converted A/D converter data. Several
things can be done to reduce this error; for example, use a touch screen with a bottom-side metal layer
connected to ground to couple the majority of noise to ground. Another way to filter out this type of noise is by
using the TSC2005 built-in MAV filter (see the Preprocessing setion). Filtering capacitors, from Y+, Y–, X+, and
X– to ground, can also help. Note, however, that the use of these capacitors increases screen settling time and
requires longer panel voltage stabilization times, and also increases precharge and sense times for the PINTADV
circuitry of the TSC2005. The resistor value varies, depending on the touch screen sensor used. The internal
50k
Ω pull-up resistor (RIRQ) may be adequate for most of sensors.
40
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com