Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 34 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 30Page - Texas Instruments TSC2005 Datasheet HTML 31Page - Texas Instruments TSC2005 Datasheet HTML 32Page - Texas Instruments TSC2005 Datasheet HTML 33Page - Texas Instruments TSC2005 Datasheet HTML 34Page - Texas Instruments TSC2005 Datasheet HTML 35Page - Texas Instruments TSC2005 Datasheet HTML 36Page - Texas Instruments TSC2005 Datasheet HTML 37Page - Texas Instruments TSC2005 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
www.ti.com
t
COORDINATE
+
OH2
f
OSC
)3 @ tPVS)tPRE)tSNS)
OH
DLY1
f
OSC
)4 @ N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(6)
Programmedfor
Self-Control
(PSM=1)
X-Y-Z -Z ScanMode
(ControlByte1
D[6:3]=0000)
1
2
CS Deactivated
Sample,Conversion,
andPreprocessingfor
YCoordinate
Sample,Conversion,
andPreprocessingfor
XCoordinate
Sample,Conversion,
andPreprocessingfor
Z CoordinateandZ Coordinate
1
2
Sample,Conversion,
andPreprocessingfor
YCoordinate
Reading
X-Data
Register
TouchisDetected
Detecting
Touch
Detecting
Touch
Detecting
Touch
Detecting
Touch
Reading
Y-Data
Register
Reading
Z -Data
Register
1
Reading
Z -Data
Register
2
TouchisDetected
TouchisDetected
TouchisDetected
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
t
COORDINATE
Detecting
Touch
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
If the pressure of the touch is also to be measured, the process continues in the same way, but measuring the Z1
and Z2 values instead, and storing the results in temporary registers. Once the complete sample set of data (X,
Y, Z1, and Z2) are available, they are loaded in the X, Y, Z1, and Z2 registers. This process is illustrated in
Figure 33. As before, this process time depends upon the settings previously described. The time for a complete
X, Y, Z1, and Z2 coordinate reading is given by:
Where:
OH2 = overhead time #2 = 3.5 internal clock cycles.
Figure 33. Example of X, Y, and Z Coordinate Touch Screen Scan using TSMode 1
34
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com