Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 26 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 22Page - Texas Instruments TSC2005 Datasheet HTML 23Page - Texas Instruments TSC2005 Datasheet HTML 24Page - Texas Instruments TSC2005 Datasheet HTML 25Page - Texas Instruments TSC2005 Datasheet HTML 26Page - Texas Instruments TSC2005 Datasheet HTML 27Page - Texas Instruments TSC2005 Datasheet HTML 28Page - Texas Instruments TSC2005 Datasheet HTML 29Page - Texas Instruments TSC2005 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
www.ti.com
Configuration Register 1
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
Table 18. Sense Time Selection
SNS2
SNS1
SNS0
SENSE TIME (tSNS)
0
0
0
32
µs
0
0
1
96
µs
0
1
0
544
µs
0
1
1
608
µs
1
0
0
2.080ms
1
0
1
2.144ms
1
1
0
2.592ms
1
1
1
2.656ms
DTW—Detection of pen touch in wait (patent pending). Writing a '1' to this bit enables the pen touch detection in
background while waiting for the host to issue the converter function in host-initiated/controlled modes. This
detection in background allows the TSC2005 to pull high at PINTDAV to indicate no pen touch detected while
waiting for the host to issue the converter function. If the host polls a high state at PINTDAV before the convert
function is sent, the host can abort the issuance of the convert function and stay in the polling PINTDAV mode
until the next pen touch is detected.
LSM—Longer sampling mode. When this bit is set to '1', the extra 500ns of sampling time is added to the normal
sampling cycles of each conversion. This additional time is represented as approximately two internal oscillator
clock cycles.
Configuration register 1 (CFR1) defines the connection test-bit modes configuration and the batch delay
selection.
Table 19. Configuration Register 1 (Reset Value = 0000h)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Resrvd
Resrvd
Resrvd
Resrvd
TBM3
TBM2
TBM1
TBM0
Resrvd
Resrvd
Resrvd
Resrvd
Resrvd
BTD2
BTD1
BTD0
TBM3-TBM0—Connection test-bit modes (patent pending). These bits specify the mode of test bits used for the
predefined range of the combined X-axis and Y-axis touch screen panel resistance (RTS).
Table 20. Touch Screen Resistance Range and Test-Bit Modes
TEST-BIT MODES
RTS
TBM3
TBM2
TBM1
TBM0
(k
Ω)
0
0
0
0
0.17
0
0
0
1
0.17 < RTS ≤ 0.52
0
0
1
0
0.52 < RTS ≤ 0.86
0
0
1
1
0.86 < RTS ≤ 1.6
0
1
0
0
1.6 < RTS ≤ 2.2
0
1
0
1
2.2 < RTS ≤ 3.6
0
1
1
0
3.6 < RTS ≤ 5.0
0
1
1
1
5.0 < RTS ≤ 7.8
1
0
0
0
7.8 < RTS ≤ 10.5
1
0
0
1
10.5 < RTS ≤ 16.0
1
0
1
0
16.0 < RTS ≤ 21.6
1
0
1
1
21.6 < RTS ≤ 32.6
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Only for short-circuit panel test
26
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com