Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 9 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 5Page - Texas Instruments TSC2005 Datasheet HTML 6Page - Texas Instruments TSC2005 Datasheet HTML 7Page - Texas Instruments TSC2005 Datasheet HTML 8Page - Texas Instruments TSC2005 Datasheet HTML 9Page - Texas Instruments TSC2005 Datasheet HTML 10Page - Texas Instruments TSC2005 Datasheet HTML 11Page - Texas Instruments TSC2005 Datasheet HTML 12Page - Texas Instruments TSC2005 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
www.ti.com
Temperature( C)
°
-40
-20
850
800
750
700
650
600
550
500
450
400
0
20
40
60
80
100
95.2mV
138.1mV
TEMP2
TEMP1
I/OVDD=SNSVDD=3V
V
=2.5V
REF
MeasurementIncludes
A/DConverterOffset
andGainErrors
SNSVDD(V)
1.6
2.0
2.4
2.8
3.2
588
586
584
582
580
578
576
574
3.6
T =+25 C
I/OVDD=SNSVDD
°
A
V
=1.6V
REF
MeasurementIncludes
A/DConverterOffset
andGainErrors
SNSVDD(V)
1.6
2.0
2.4
2.8
3.2
704
702
700
698
696
694
692
690
3.6
MeasurementIncludes
A/DConverterOffset
andGainErrors
T =+25 C
I/OVDD=SNSVDD
°
A
V
=1.6V
REF
SNSVDD(V)
1.6
2.0
2.4
2.8
3.2
1.2
1.0
0.8
0.6
0.4
0.2
0
3.6
M=1,W=1
M=15,W=7
2k
forX-Plane
TSC-InitiatedModeScanX,Y,Zat50SSPS
TouchSensormodeledby:
W
2k
forY-Plane
1k
forZ(TouchResistance)
W
W
T =+25 C
I/OVDD=SNSVDD
V
=1.6V
°
A
REF
t
,t
,t
=DefaultValues
PVS
PRE
SNS
Temperature( C)
°
-40
-20
3.70
3.65
3.60
3.55
3.50
0
20
40
60
80
100
SNSVDD=1.6V
Temperature( C)
°
-40
-20
3.95
3.90
3.85
3.80
3.75
0
20
40
60
80
100
SNSVDD=3.0V
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.6V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2, fSCLK = 10MHz,
12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
TEMP DIODE VOLTAGE
TEMP1 DIODE VOLTAGE
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 14.
Figure 15.
TEMP2 DIODE VOLTAGE
SUPPLY CURRENT
vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 16.
Figure 17.
INTERNAL OSCILLATOR CLOCK FREQUENCY
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs TEMPERATURE
vs TEMPERATURE
Figure 18.
Figure 19.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com