Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 20 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 16Page - Texas Instruments TSC2005 Datasheet HTML 17Page - Texas Instruments TSC2005 Datasheet HTML 18Page - Texas Instruments TSC2005 Datasheet HTML 19Page - Texas Instruments TSC2005 Datasheet HTML 20Page - Texas Instruments TSC2005 Datasheet HTML 21Page - Texas Instruments TSC2005 Datasheet HTML 22Page - Texas Instruments TSC2005 Datasheet HTML 23Page - Texas Instruments TSC2005 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
www.ti.com
Touch Screen Scan Function for XYZ or XY
Touch Screen Sensor Connection Tests for X-Axis and Y-Axis
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
Table 7. Converter Function Select
C3
C2
C1
C0
FUNCTION
Touch screen scan function: X, Y, Z1, and Z2 coordinates converted and the results returned
0
0
0
0
to X, Y, Z1, and Z2 data registers. Scan continues until either the pen is lifted or a stop bit is
sent.
Touch screen scan function: X and Y coordinates converted and the results returned to X and
0
0
0
1
Y data registers. Scan continues until either the pen is lifted or a stop bit is sent.
Touch screen scan function: X coordinate converted and the results returned to X data
0
0
1
0
register.
Touch screen scan function: Y coordinate converted and the results returned to Y data
0
0
1
1
register.
Touch screen scan function: Z1 and Z2 coordinates converted and the results returned to Z1
0
1
0
0
and Z2 data registers.
0
1
0
1
Auxiliary input converted and the results returned to the AUX data register.
A temperature measurement is made and the results returned to the Temperature
0
1
1
0
Measurement 1 data register.
A differential temperature measurement is made and the results returned to the Temperature
0
1
1
1
Measurement 2 data register.
1
0
0
0
Auxiliary input is converted continuously and the results returned to the AUX data register.
Touch screen panel connection to X-axis drivers is tested. The test result is output to
1
0
0
1
PINTDAV and shown in STATUS register.
Touch screen panel connection to Y-axis drivers is tested. The test result is output to
1
0
1
0
PINTDAV and shown in STATUS register.
Touch screen panel short-circuit (between X and Y plates) is tested through X-axis. The test
1
0
1
1
result is output to PINTDAV and shown in the STATUS register.
RESERVED (Note: any condition caused by this command can be cleared by setting the STS
1
1
0
0
bit to 1).
1
1
0
1
Turn on X+, X– drivers
1
1
1
0
Turn on Y+, Y– drivers
1
1
1
1
Turn on Y+, X– drivers
C3-C0 = 0000 or 0001: These scan functions can collaborate with the PSM bit that defines the control mode of
converter functions. If the PSM bit is set to '1', these scan function select commands are recommended to be
issued before a pen touch is detected in order to allow the TSC2005 to initiate and control the scan processes
immediately after the screen is touched. If these functions are not issued before a pen touch is detected, the
TSC2005 waits for the host to write these functions before starting a scan process. If PSM stays as '1' after a
TSC-initiated scan function is complete, the host is not required to write these function select bits again for each
of the following pen touches after the detected touch. In the host-controlled converter function mode (PSM = 0),
the host must send these functions select bits repeatedly for each scan function after a detected pen touch.
Range of resistances of different touch screen panels can be selected by setting the TBM bits in CFR1; see
Table 20. Once the resistance of the sensor panel is selected, two continuity tests are run separately for the
X-axis and Y-axis. The unit under test must pass both connection tests to ensure that a proper connection is
secured.
C3-C0 = 1001: PINTDAV = 0 during this connection test. A '1' shown at end of the test indicates the X-axis
drivers are well-connected to the sensor; otherwise, X-axis drivers are poorly connected. If drivers fail to connect,
then PINTDAV stays low until a stop bit (STS set to '1') is issued.
C3-C0 = 1010: PINTDAV = 0 during this connection test. A '1' shown at end of the test indicates the Y-axis
drivers are well-connected to the sensor; otherwise, Y-axis drivers are poorly connected. If the drivers are fail to
connect, then PINTDAV stays low until a stop bit (STS set to '1') is issued.
20
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com