Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 31 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 27Page - Texas Instruments TSC2005 Datasheet HTML 28Page - Texas Instruments TSC2005 Datasheet HTML 29Page - Texas Instruments TSC2005 Datasheet HTML 30Page - Texas Instruments TSC2005 Datasheet HTML 31Page - Texas Instruments TSC2005 Datasheet HTML 32Page - Texas Instruments TSC2005 Datasheet HTML 33Page - Texas Instruments TSC2005 Datasheet HTML 34Page - Texas Instruments TSC2005 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
www.ti.com
REGISTER RESET
RESET
State
Nor a
m l
erai n
Op
t o
Resetting
InitialCondition
t
<5 s
m
WL(RESET)
t
10
³
m
WL(RESET)
s
t
R
t
R
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
There are three way to reset the TSC2005. First, at power-on, a power good signal will generate a prolonged
reset pulse internally to all registers.
Second, an external pin, RESET, is available to perform a system reset or allow other peripherals (such as a
display) to reset the device if the pulse meets the timing requirement (at least 10
µs wide). Any RESET pulse less
than 5
µs is rejected. To accommodate the timing drift between devices because of process variation, a RESET
pulse width between 5
µs to 10µs falls into the gray area that will not be recognized and the result is
undetermined; this situation should be avoided. Refer to Figure 31 for details. A good reset pulse must be low for
at least 10
µs. There is an internal spike filter to reject spikes up to 20ns wide.
NOTE: See Timing Requirements for more information.
Figure 31. External Reset Timing
Finally, a software reset can be activated by writing a '1' to CB1.1 (bit 1 of control byte 1). It should be noted this
reset is not self-cleared, so the user must write a '0' to remove the software reset.
A reset clears all registers and loads default values. A power-on reset and external (hardware) reset take
precedence over a software reset. If a software reset is not cleared by the user, it will be cleared by either a
power-on reset or an external (hardware) reset.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com