Electronic Components Datasheet Search
  English  ▼

X  

TSC2005 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 3Page - Texas Instruments TSC2005 Datasheet HTML 4Page - Texas Instruments TSC2005 Datasheet HTML 5Page - Texas Instruments TSC2005 Datasheet HTML 6Page - Texas Instruments TSC2005 Datasheet HTML 7Page - Texas Instruments TSC2005 Datasheet HTML 8Page - Texas Instruments TSC2005 Datasheet HTML 9Page - Texas Instruments TSC2005 Datasheet HTML 10Page - Texas Instruments TSC2005 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Temperature( C)
°
-
40
-
20
1100
1050
1000
950
900
850
800
750
0
20
40
60
80
100
I/OVDD=SNSVDD=3V
V
=2.5V
REF
Temperature( C)
°
-
40
-
20
40
35
30
25
20
15
0
20
40
60
80
100
I/OVDD=SNSVDD=3V
V
=2.5V
REF
-40
-20
0
20
40
60
80
100
Temperature(°C)
1000
800
600
400
200
0
SNSVDD=1.6V
SNSVDD=3.6V
SNSVDD=3.0V
SNSVDD=I/OVDD=V
REF
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
60
45
30
15
0
SNSVDD=I/OVDD=V
REF
T =+25 C
°
A
SNSVDD(V)
1.6
2.0
2.4
2.8
3.2
1.50
1.25
1.00
0.75
0.50
0.25
0
3.6
f
=2MHz
ADC
f
=1MHz
ADC
T =+25 C
I/OVDD=
°
A
V
REF =1.6V
I/OVDD(V)
1.6
2.0
2.4
2.8
3.2
50
45
40
35
30
25
20
15
10
5
0
3.6
f
=2MHz
ADC
f
=1MHz
ADC
T =+25 C
SNSVDD=3.6V
°
A
V
REF =1.6V
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
At TA = –40°C to +85°C, SNSVDD = VREF = +1.6V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2, fSCLK = 10MHz,
12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
SUPPLY CURRENT
SUPPLY CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 2.
Figure 3.
POWER-DOWN SUPPLY CURRENT
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
vs SNSVDD SUPPLY VOLTAGE
Figure 4.
Figure 5.
SUPPLY CURRENT
SUPPLY CURRENT
vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 6.
Figure 7.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com